Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC3200 Datasheet(PDF) 414 Page - Advanced Micro Devices

No. de pieza SC3200
Descripción Electrónicos  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 414 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 410Page - Advanced Micro Devices SC3200 Datasheet HTML 411Page - Advanced Micro Devices SC3200 Datasheet HTML 412Page - Advanced Micro Devices SC3200 Datasheet HTML 413Page - Advanced Micro Devices SC3200 Datasheet HTML 414Page - Advanced Micro Devices SC3200 Datasheet HTML 415Page - Advanced Micro Devices SC3200 Datasheet HTML 416Page - Advanced Micro Devices SC3200 Datasheet HTML 417Page - Advanced Micro Devices SC3200 Datasheet HTML 418Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 447 page
background image
414
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
Figure 9-33. Sustained UltraDMA Data Out Burst Timing Diagram
tDS
tDH
tDS
tDH
tDH
tDVH
tDVS
tDVH
tDVS
tDVH
t2CYC
tCYC
tCYC
t2CYC
IDE_DATA[15:0]
at host
IDE_DATA[15:0]
at device
IDE_IOR0#
(HSTROBE0#)
at host
IDE_IOR0#
(HSTROBE0#)
at device
Note:
IDE_DATA[15:0] and IDE_IOR[0:1]# (HSTROBE[0:1]#) signals are shown at both the device and the host to
emphasize that cable settling time and cable propagation delay do not allow the data signals to be considered sta-
ble at the device until a certain amount of time after they are driven by the device.