| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC3200 Datasheet(PDF) 47 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 Datasheet(HTML) 47 Page - Advanced Micro Devices |
|
47 / 447 page ![]() AMD Geode™ SC3200 Processor Data Book 47 Signal Definitions Revision 5.1 F29 TDI I (PU22.5) INPCI VIO --- F30 GTEST I (PD22.5) INT VIO --- F31 VPCKIN I INT VIO --- G1 STOP# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D15 I/O (PU22.5) INPCI, OPCI G2 VSS GND --- --- --- G3 VIO PWR --- --- --- G4 VSS GND --- --- --- G28 VSS GND --- --- --- G29 VIO PWR --- --- --- G30 VSS GND --- --- --- G31 VPD7 I INT VIO --- H1 SERR# I/O (PU22.5) INPCI, ODPCI VIO --- H2 PERR# I/O (PU22.5) INPCI, OPCI VIO --- H3 LOCK# I/O (PU22.5) INPCI, OPCI VIO --- H4 C/BE3# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D11 I/O (PU22.5) INPCI, OPCI H28 VPD6 I INT VIO --- H29 VPD5 I INT VIO --- H30 VPD4 I INT VIO --- H31 VPD3 I INT VIO --- J1 AD13 I/O INPCI, OPCI VIO Cycle Multiplexed A13 O OPCI J2 C/BE1# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D9 I/O (PU22.5) INPCI, OPCI J3 AD15 I/O INPCI, OPCI VIO Cycle Multiplexed A15 O OPCI J4 PAR I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D12 I/O (PU22.5) INPCI, OPCI J28 VPD2 I INT VIO --- J29 VPD1 I INT VIO --- J30 VPD0 I INT VIO --- Ball No. Signal Name I/O (PU/PD) Buffer1 Type Power Rail Configuration J31 GPIO39 I/O (PU22.5) INPCI, OPCI VIO PMR[14]4 = 0 and PMR[22]4 = 0 SERIRQ I/O INPCI, OPCI PMR[14]4 = 1 and PMR[22]4 = 1 K1 AD11 I/O INPCI, OPCI VIO Cycle Multiplexed A11 O OPCI K2 VIO PWR --- --- --- K3 VSS GND --- --- --- K4 AD14 I/O INPCI, OPCI VIO Cycle Multiplexed A14 O OPCI K28 GPIO38/IRRX2 I/O (PU22.5) INPCI, OPCI VIO PMR[14]4 = 0 and PMR[22]4 = 0. The IRRX2 input is con- nected to the input path of GPIO38. There is no logic required to enable IRRX2, just a sim- ple connection. Hence, when GPIO38 is the selected function, IRRX2 is also selected. LPCPD# O OPCI PMR[14]4 = 1 and PMR[22]4 = 1 K29 VIO PWR --- --- --- K30 VSS GND --- --- --- K31 GPIO37 I/O (PU22.5) INPCI, OPCI VIO PMR[14]4 = 0 and PMR[22]4 = 0 LFRAME# O OPCI PMR[14]4 = 1 and PMR[22]4 = 1 L1 C/BE0# I/O (PU22.5) INPCI, OPCI VIO Cycle Multiplexed D8 I/O (PU22.5) INPCI, OPCI L2 AD9 I/O INPCI, OPCI VIO Cycle Multiplexed A9 O OPCI L3 AD10 I/O INPCI, OPCI VIO Cycle Multiplexed A10 O OPCI L4 AD12 I/O INPCI, OPCI VIO Cycle Multiplexed A12 O OPCI L28 GPIO36 I/O (PU22.5) INPCI, OPCI VIO PMR[14]4 = 0 and PMR[22]4 = 0 LDRQ# I INPCI PMR[14]4 = 1 and PMR[22]4 = 1 Ball No. Signal Name I/O (PU/PD) Buffer1 Type Power Rail Configuration Table 3-4. 481-TEPBGA Ball Assignment - Sorted by Ball Number (Continued) |