| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP48FVB24 Datasheet(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP48FVB24 Datasheet(HTML) 77 Page - Microchip Technology |
|
77 / 112 page ![]() 2020 Microchip Technology Inc. DS20006362A-page 77 MCP48FXBX4/8 7.0 SPI DEVICE COMMANDS The MCP48FXBX4/8 devices’ SPI command format supports 32 memory address locations and four commands: • WRITE command (C1:C0 = 00) • READ command (C1:C0 = 11) • Enable Configuration bit (high voltage, HVC = VIHH): - Enable Configuration bit (C1:C0 = 10) - Disable Configuration bit (C1:C0 = 01) The supported commands are shown in Table 7-1. These commands allow for both single data or continu- ous data operation. Table 7-2 also shows the required number of bit clocks for each command’s different mode of operation. Commands may have two modes. These are: • Normal Serial Commands • High-Voltage Serial Commands Normal serial commands are those where the HVC pin is driven to either VIH or VIL. With high-voltage serial commands, the HVC pin is driven to VIHH. The 8-bit commands (see Figure 7-1) are used to mod- ify the device Configuration bits (Section 7.9 “Enable Configuration Bit (High Voltage)” and Section 7.10 “Disable Configuration Bit (High Voltage)”) while the 24-bit commands (see Figure 7-2) are used to read and write to the device registers (Section 7.8 “READ Command (Normal and High Voltage)” and Section 7.7 “WRITE Command (Normal and High Voltage)”). These commands contain a command byte and two data bytes. FIGURE 7-1: 8-Bit SPI Command Format. 7.1 Command Byte The command byte has three fields: the address, the command and one reserved bit (see Figure 7-1). The device memory is accessed when the master sends a proper command byte to select the desired operation. The memory location getting accessed is contained in the command byte’s AD4:AD0 bits. The action desired is contained in the command byte’s C1:C0 bits; see Table 7-2. C1:C0 determines if the desired memory location will be read, written, enabled or disabled. As the command byte is being loaded into the device (on the SDI pin), the device’s SDO pin is driving. The SDO pin will output high bits for the first seven bits of that com- mand. On the 8th bit, the SDO pin will output the CMDERR bit state (see Section 7.6 “Error Condition”). 7.2 Data Bytes Data bytes are only present in the READ and WRITE commands. These commands concatenate the two data bytes, after the command byte, for a 24-bit long command (see Figure 7-2). FIGURE 7-2: 24-Bit SPI Command Format. TABLE 7-1: COMMAND BITS OVERVIEW C1:C0 Bit States Command # of Bits Normal or HV 11 Read Data 24 Bits Normal 00 Write Data 24 Bits Normal 01 Enable(1) 8 Bits HV Only 10 Disable(1) 8 Bits HV Only Note 1: High-voltage enable and disable com- mands on selected nonvolatile memory locations. Command Byte Legend: AD 4 AD 3 AD 2 AD 1 AD 0 C 1 C 0 X AD n Memory Address C n Command Bits D nn Data Bits XReserved Command Byte Data Word (2 bytes) Legend: AD 4 AD 3 AD 2 AD 1 AD 0 C 1 C 0 X X X X X D 11 D 10 D 09 D 08 D 07 D 06 D 05 D 04 D 03 D 02 D 01 D 00 AD n Memory Address C n Command Bits D nn Data Bits X Reserved |