| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP48FVB24 Datasheet(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP48FVB24 Datasheet(HTML) 75 Page - Microchip Technology |
|
75 / 112 page ![]() 2020 Microchip Technology Inc. DS20006362A-page 75 MCP48FXBX4/8 6.0 SPI SERIAL INTERFACE MODULE The MCP48FXBX4/8 devices’ SPI serial interface module supports the SPI serial protocol specification. The command format and waveforms for the MCP48FXBX4/8 are defined in Section 7.0 “SPI Device Commands”. 6.1 Overview This section discusses some of the specific characteristics of the MCP48FXBX4/8’s serial interface module. The following sections discuss some of these device-specific characteristics: • SPI Serial Interface • Interface Pins (CS, SCK, SDI, SDO and LAT/HVC) • Communication Data Rates • POR/BOR 6.2 SPI Serial Interface The MCP48FXBX4/8 devices support the SPI serial protocol. This SPI operates in Slave mode (does not generate the serial clock). The SPI interface uses up to four pins. These are: •CS – Chip Select • SCK – Serial Clock • SDI – Serial Data In (MOSI) • SDO – Serial Data Out (MISO) Typical SPI interfaces are shown in Figure 6-1. In the SPI interface, the master’s output pin is connected to the slave’s input pin, and the master’s input pin is connected to the slave’s output pin. FIGURE 6-1: Typical SPI Interface Block Diagram. The MCP48FXBX4/8 SPI’s module supports two (of the four) standard SPI modes. These are Mode 0,0 and 1,1. The SPI mode is determined by the state of the SCK pin (VIH or VIL) when the CS pin transitions from inactive (VIH) to active (VIL). An additional HVC pin is available for High-Voltage Command support. High-Voltage Commands allow the device to enable and disable nonvolatile Configuration bits. Without a high voltage present, those bits are inhibited from being modified. The HVC pin is high-voltage tolerant. To enter a High- Voltage Command, the HVC pin must be greater than the VIHH voltage. 6.2.1 SPI MODES The SPI module supports two (of the four) standard SPI modes. These are Mode 0,0 and 1,1. The mode is determined by the state of the SDI pin on the rising edge of the first clock bit (of the 8-bit byte). 6.2.1.1 Mode 0,0 In Mode 0,0: • SCK Idle state = low (VIL) • Data are clocked in on the SDI pin on the rising edge of SCK • Data are clocked out on the SDO pin on the falling edge of SCK 6.2.1.2 Mode 1,1 In Mode 1,1: • SCK Idle state = high (VIH) • Data are clocked in on the SDI pin on the rising edge of SCK • Data are clocked out on the SDO pin on the falling edge of SCK 6.3 Interface Pins (CS, SCK, SDI, SDO and LAT/HVC) The operation of the five interface pins and the High- Voltage Command (HVC) pin is discussed in this section. The pins are: • SDI (Serial Data In) • SDO (Serial Data Out) • SCK (Serial Clock) •CS (Chip Select) •LAT/HVC (High-Voltage Command) The serial interface works on either 8-bit or 24-bit boundaries depending on the selected command. The Chip Select (CS) pin frames the SPI commands. MCP48FXBXX Host Controller Typical SPI Interface Connections Other Devices (Master) (Slave) SDI SDO SDO SDI CS GPIO SCK SCK LAT/HVC GPIO |