Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5298 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADG5298
Descripción Electrónicos  High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5298 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG5298 Datasheet HTML 6Page - Analog Devices ADG5298 Datasheet HTML 7Page - Analog Devices ADG5298 Datasheet HTML 8Page - Analog Devices ADG5298 Datasheet HTML 9Page - Analog Devices ADG5298 Datasheet HTML 10Page - Analog Devices ADG5298 Datasheet HTML 11Page - Analog Devices ADG5298 Datasheet HTML 12Page - Analog Devices ADG5298 Datasheet HTML 13Page - Analog Devices ADG5298 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG5298
Data Sheet
Rev. 0 | Page 10 of 20
VS, VD (V)
0
100
200
300
400
500
600
700
024
68
10
12
VDD = 12V
VSS = 0V
+210°C
+175°C
+125°C
+85°C
+25°C
–40°C
–55°C
Figure 10. On Resistance (RON) as a Function of VS, VD for Various
Temperatures, 12 V Single Supply
0
50
100
150
200
250
300
048
12
16
20
VS, VD (V)
24
28
32
36
+210°C
+175°C
+125°C
+85°C
+25°C
–40°C
–55°C
VDD = 36V
VSS = 0V
Figure 11. On Resistance (RON) as a Function of VS, VD for Various
Temperatures, 36 V Single Supply
–25
–20
–15
–10
–5
0
5
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
VDD = +15V
VSS = –15V
VBIAS = +10V, –10V
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
IS, ID (ON) + +
IS, ID (ON) – –
Figure 12. Leakage Currents vs. Temperature, ±15 V Dual Supply
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
–50
–40
–30
–20
–10
0
10
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
IS, ID (ON) + +
IS, ID (ON) – –
VDD = +20V
VSS = –20V
VBIAS = +15V, –15V
Figure 13. Leakage Current vs. Temperature, ±20 V Dual Supply
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
–35
–30
–25
–20
–15
–10
–5
0
5
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
IS, ID (ON) + +
IS, ID (ON) – –
VDD = 12V
VSS = 0V
VBIAS = 1V, 10V
Figure 14. Leakage Current vs. Temperature, 12 V Single Supply
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
VDD = 36V
VSS = 0V
VBIAS = 1V, 30V
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
IS, ID (ON) + +
IS, ID (ON) – –
Figure 15. Leakage Current vs. Temperature, 36 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20