Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG5298 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADG5298
Descripción Electrónicos  High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG5298 Datasheet(HTML) 5 Page - Analog Devices

  ADG5298 Datasheet HTML 1Page - Analog Devices ADG5298 Datasheet HTML 2Page - Analog Devices ADG5298 Datasheet HTML 3Page - Analog Devices ADG5298 Datasheet HTML 4Page - Analog Devices ADG5298 Datasheet HTML 5Page - Analog Devices ADG5298 Datasheet HTML 6Page - Analog Devices ADG5298 Datasheet HTML 7Page - Analog Devices ADG5298 Datasheet HTML 8Page - Analog Devices ADG5298 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADG5298
Rev. 0 | Page 5 of 20
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, and −55°C ≤ TA ≤ +210°C, unless otherwise noted.
Table 3.
Parameter
Symbol1
Test Conditions/Comments1
Min
Typ2
Max
Unit
ANALOG SWITCH
Analog Signal Range
VSS
VDD
V
On Resistance
RON
VS = 0 V to 10 V, IDS = −1 mA, see Figure 31;
for maximum RON, VDD = 10.8 V, VSS = 0 V
650
800
On-Resistance Match Between Channels
ΔRON
VS = 0 V to 10 V, IDS = −1 mA
3
24
On-Resistance Flatness
RFLAT (ON)
VS = 0 V to 10 V, IDS = −1 mA
240
380
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage
IS (off)
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 32
−8
±0.005
+8
nA
Drain Off Leakage
ID (off)
VS = 1 V/10 V, VD = 10 V/1 V, see Figure 32
−60
±0.005
+60
nA
Channel On Leakage
ID (on), IS (on)
VS = VD = 1 V/10 V, see Figure 30
−70
±0.01
+70
nA
DIGITAL INPUTS
Input High Voltage
VINH
2.0
V
Input Low Voltage
VINL
0.8
V
Input Current
IINL or IINH
VIN = VGND or VDD
−0.1
+0.002
+0.1
µA
Digital Input Capacitance
CIN
3
pF
DYNAMIC CHARACTERISTICS3
Transition Time
tTRANSITION
RL = 300 Ω, CL = 35 pF, VS = 8 V, see Figure 36
200
490
ns
On Time
tON (EN)
RL = 300 Ω, CL = 35 pF, VS = 8 V, see Figure 38
180
435
ns
Off Time
tOFF (EN)
RL = 300 Ω, CL = 35 pF, VS = 8 V, see Figure 38
165
305
ns
Break-Before-Make Time Delay
tD
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 8 V,
see Figure 37
40
95
ns
Charge Injection
QINJ
VS = 6 V, RS = 0 Ω, CL = 1 nF, see Figure 39
0.2
pC
Off Isolation
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 34
−86
dB
Channel to Channel Crosstalk
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 33
−80
dB
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF, see Figure 35
95
MHz
Source Capacitance, Off
CS (off)
VS = 6 V, f = 1 MHz
3.3
pF
Drain Capacitance, Off
CD (off)
VS = 6 V, f = 1 MHz
38
pF
Source/Drain Capacitance, On
CD (on), CS (on)
VS = 6 V, f = 1 MHz
41
pF
POWER REQUIREMENTS
VDD = 13.2 V
Supply Current
Positive
IDD
Digital inputs = 0 V or 5 V, see Figure 28
50
75
µA
Negative
ISS
Digital inputs = 0 V or 5 V, see Figure 29
7.5
15
µA
Ground Current
IGND
Digital inputs = 0 V or 5 V
50
75
µA
Supply Range
VDD/VSS
GND = 0 V, VSS = 0 V
9
40
V
1
See the Terminology section.
2
TA = 25°C, except for the analog switch and power requirements values, where TA = 210°C.
3
Guaranteed by design, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20