Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSZ8563R Datasheet(PDF) 42 Page - Microchip Technology

No. de pieza KSZ8563R
Descripción Electrónicos  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 42 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 38Page - Microchip Technology KSZ8563R Datasheet HTML 39Page - Microchip Technology KSZ8563R Datasheet HTML 40Page - Microchip Technology KSZ8563R Datasheet HTML 41Page - Microchip Technology KSZ8563R Datasheet HTML 42Page - Microchip Technology KSZ8563R Datasheet HTML 43Page - Microchip Technology KSZ8563R Datasheet HTML 44Page - Microchip Technology KSZ8563R Datasheet HTML 45Page - Microchip Technology KSZ8563R Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 221 page
background image
KSZ8563R
DS00002418D-page 42
 2017-2018 Microchip Technology Inc.
Note that processing entries #0 and 1 produce an OR function: action #0 is taken if RuleSet #0 or RuleSet #1 is true.
Notice that processing entries #4 and 6 have overlapping RuleSets, but different FRNs. This can be summarized as:
If match #4, 5 and 6 are all true, then apply action #4,
Else if match #6 is true, then apply action #5.
Table 4-16 summarizes the available matching options. The MD and ENB fields are used to select the desired matching
option. More configuration details are given in the following section.
4.4.17.2
Matching Rule Description
The Matching Rule consists of several parameters. The first two parameters, MD[1:0] and ENB[1:0], determine the orga-
nization of the remainder of each Matching Rule.
When MD = 00, the Matching Rule is disabled.
TABLE 4-16:
MATCHING RULE OPTIONS
MD[1:0]
ENB[1:0]
Matching Rule
00
XX
Matching rule disabled
01
(Layer 2 matching:
MAC address,
EtherType)
00
Action field is used as count value for packets matching MAC address and
EtherType
01
Compare EtherType only
10
Compare MAC address only
11
Compare both MAC address and EtherType
10
(Layer 3 matching:
IP address)
00
Reserved
01
Compare IPv4 source and destination address (with mask)
10
Compare both source and destination IPv4 addresses (without mask)
11
Reserved
11
(Layer 4 matching:
TCP, UDP,
IP protocol)
00
Compare IPv4 protocol
01
Compare TCP source port or destination port
10
Compare UDP source port or destination port
11
Compare TCP sequence number
TABLE 4-17:
ACL MATCHING RULE PARAMETERS FOR MD = 01
Parameter
Description
MD[1:0]
MODE
00 = Matching rule is disabled
01 = Layer 2 MAC header or counter filtering
10 = Layer 3 IP header filtering
11 = Layer 4 TCP header (and IP protocol) filtering
ENB[1:0]
00 = Count Mode. Both the MAC Address and TYPE are tested. A count value (either
time or packet count) is also incorporated. Details are given below this table.
01 = Comparison is performed only on the TYPE value
10 = Comparison is performed only on the MAC Address value
11 = Both the MAC Address and TYPE are tested
S/D
Source / Destination
0 = Destination address
1 = Source address
EQ
Equal / Not Equal
0 = Not Equal produces true result
1 = Equal produces true result
MAC ADDRESS[47:0]
48-bit MAC address
TYPE[15:0]
EtherType



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com