Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM53XXA/BPR Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM53XXA/BPR
Descripción Electrónicos  35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM53XXA/BPR Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM53XXA/BPR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BPR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BPR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BPR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BPR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BPR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BPR Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BPR Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BPR Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
产品选型
产品型号
(XX: 封装形式代码)
最高输入电压(V)
输出电压 (V)
精度
包装方式及最小订货数量
代码:VR/MR
SOT23-5
代码:
M5
SOT89
代码:PR
TO92
代码:TB
HM5318AXX
35V
1.8
1%
3K/卷盘
3K/卷盘
1K/卷盘
100/袋
1K/盒
HM5318BXX
35V
1.8
2%
HM5325AXX
35V
2.5
1%
HM5325BXX
35V
2.5
2%
HM5330AXX
35V
3.0
1%
HM5330BXX
35V
3.0
2%
HM5333AXX
35V
3.3
1%
HM5333BXX
35V
3.3
2%
HM5336AXX
35V
3.6
1%
HM5336BXX
35V
3.6
2%
HM5340AXX
35V
4.0
1%
HM5340BXX
35V
4.0
2%
HM5342AXX
35V
4.2
1%
HM5342BXX
35V
4.2
2%
HM5350AXX
35V
5.0
1%
HM5350BXX
35V
5.0
2%
打标信息
SOT89-3/TO92 打标
SOT23/SOT23-5 打标
Page 10
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
35V,1.6μA 超低静态电流,200mA,低压差线性稳压器
HM53XXA/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com