Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM53XXA/BVR/MR Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM53XXA/BVR/MR
Descripción Electrónicos  35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM53XXA/BVR/MR Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM53XXA/BVR/MR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
3-Pin SOT89-3 Package
Page 13
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
35V,1.6μA 超低静态电流,200mA,低压差线性稳压器
HM53XXA/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com