Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM53XXA/BVR/MR Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM53XXA/BVR/MR
Descripción Electrónicos  35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM53XXA/BVR/MR Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM53XXA/BVR/MR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM53XXA/BVR/MR Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
-40
-20
0
20
40
60
80
100
温度
(℃)
HM5350A/B 无负载
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
-40
-20
0
20
40
60
80
100
温度
(℃)
HM5333A/B 无负载
静态电流随输入电压的变化
静态电流随输出电流的变化
静态电流对温度的变化
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
0
40
80
120
160
200
输出电流 I
OUT(mA)
HM5333A/B V
IN=4.3V
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
0
40
80
120
160
200
输出电流I
OUT(mA)
HM5350A/B V
IN=6.0V
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
4
8
12
16
20
24
28
32
36
输入电压V
IN(V)
HM5333A/B 无负载
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
6
11
16
21
26
31
36
输入电压V
IN(V)
HM5350A/B 无负载
Page 8
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
35V,1.6μA 超低静态电流,200mA,低压差线性稳压器
HM53XXA/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com