Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS320F28075PZPQ Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320F28075PZPQ
Descripción Electrónicos  TMS320F2807x Microcontrollers
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 87Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 88Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 89Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 90Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 91Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 92Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 93Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 94Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 196 page
background image
ADC
Ron
Switch
VREFLO
Ch
Cp
ADCINx
AC
Rs
91
TMS320F28076, TMS320F28075
www.ti.com
SPRS902I – OCTOBER 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28076 TMS320F28075
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
(1)
For an explanation of the input qualifier parameters, see Table 5-25.
Table 5-45. ADCEXTSOC Timing Requirements(1)
MIN
MAX
UNIT
tw(INT)
Pulse duration, INT input low/high
Synchronous
2tc(SYSCLK)
cycles
With qualifier
tw(IQSW) + tw(SP) + 1tc(SYSCLK)
cycles
5.10.1.2.1 ADC Input Model
NOTE
ADC channels ADCINA0, ADCINA1, and ADCINB1 have a 50-kΩ pulldown resistor to VSSA.
For single-ended operation, the ADC input characteristics are given by Table 5-46 and Figure 5-31.
Table 5-46. Single-Ended Input Model Parameters
DESCRIPTION
VALUE
Cp
Parasitic input capacitance
See Table 5-47
Ron
Sampling switch resistance
600
Ω
Ch
Sampling capacitor
16.5 pF
Rs
Nominal source impedance
50
Ω
Figure 5-31. Single-Ended Input Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com