Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS320F28075PZPQ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS320F28075PZPQ
Descripción Electrónicos  TMS320F2807x Microcontrollers
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 45Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 46Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 47Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 48Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 49Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 50Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 51Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 52Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 196 page
background image
th(boot-mode)(B)
XRS
(A)
Boot-Mode
Pins
V
V
(3.3 V)
DDIO
DDA
,
V
(1.2 V)
DD
User-code dependent
Boot-ROM execution starts
Peripheral/GPIO function
Based on boot code
GPIO pins as input
CPU
Execution
Phase
Boot ROM
User-code
I/O Pins
GPIO pins as input (pullups are disabled)
User-code dependent
tw(RSL1)
49
TMS320F28076, TMS320F28075
www.ti.com
SPRS902I – OCTOBER 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28076 TMS320F28075
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
5.9.2.2
Reset Electrical Data and Timing
Table 5-5 shows the reset (XRS) timing requirements. Table 5-6 shows the reset (XRS) switching
characteristics. Figure 5-5 shows the power-on reset. Figure 5-6 shows the warm reset.
Table 5-5. Reset (XRS) Timing Requirements
MIN
MAX
UNIT
th(boot-mode)
Hold time for boot-mode pins
1.5
ms
tw(RSL2)
Pulse duration, XRS low on
warm reset
All cases
3.2
µs
Low-power modes used in
application and SYSCLKDIV > 16
3.2 * (SYSCLKDIV/16)
Table 5-6. Reset (XRS) Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(RSL1)
Pulse duration, XRS driven low by device after supplies are
stable
100
µs
tw(WDRS)
Pulse duration, reset pulse generated by watchdog
512tc(OSCCLK)
cycles
A.
The XRS pin can be driven externally by a supervisor or an external pullup resistor, see Table 4-1.
B.
After reset from any source (see Section 5.9.2.1), the boot ROM code samples Boot Mode pins. Based on the status
of the Boot Mode pin, the boot code branches to destination memory or boot code function. If boot ROM code
executes after power-on conditions (in debugger environment), the boot code execution time is based on the current
SYSCLK speed. The SYSCLK will be based on user environment and could be with or without PLL enabled.
Figure 5-5. Power-on Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com