Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FTK84 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

No. de pieza FTK84
Descripción Electrónicos  POWER MOSFET 130 mAmps, 50 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FS [First Silicon Co., Ltd]
Página de inicio  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK84 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK84 Datasheet HTML 1Page - First Silicon Co., Ltd FTK84 Datasheet HTML 2Page - First Silicon Co., Ltd FTK84 Datasheet HTML 3Page - First Silicon Co., Ltd FTK84 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 3. On–Resistance versus Drain Current
Figure 4. On–Resistance versus Drain Current
Figure 5. On–Resistance Variation with Temperature
Figure 6. Gate Charge
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 7. Body Diode Forward Voltage
2007. 12. 18
3/4
FTK84
Revision No : 0
-55
-5
45
95
145
2
1.8
1.6
1.4
1.2
1
0.8
0.6
TJ, JUNCTION TEMPERATURE( C)
VGS=10V
ID =0.52A
VGS=4.5V
ID =0.13A
0
500
1000
1500
2000
8
7
6
5
4
3
2
1
0
QT, TOTAL GATE CHARGE (pC)
VDS=10V
TJ =25 C
ID=0.5A
0
0.1
0.2
0.3
0.4
9
8
7
6
5
4
3
2
ID, DRAIN CURRRENT (AMPS)
0.5
0.6
VGS=4.5V
150 C
25 C
-55 C
0
0.1
0.2
0.3
0.4
7
6.5
6
5.5
5
4.5
4
3.5
3
2.5
2
ID, DRAIN CURRRENT (AMPS)
0.5
0.6
VGS=10V
150 C
25 C
-55 C
0
0.5
1.0
1.5
2.0
1
0.1
0.01
0.001
VSD, DIODE FORWARD VOLTAGE (VOLTS)
2.5
3.0
TJ=150 C
25 C
-55 C



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com