| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD404816FS Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404816FS Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 100 page ![]() HD404818 Series 26 Operating Modes The MCU has five operating modes that are specified by how the clock is used. The functions available in each mode are listed in table 15, and operations are shown in table 16. Transitions between operating modes are shown in figure 9. Table 16 provides additional information for table 26. Table 15 Functions Available in Each Operating Mode Mode Name Active Standby Stop Watch Subactive* 4 Activation method RESET cancellation, interrupt request SBY instruction TMA3 = 0, STOP instruction TMA3 = 1, STOP instruction INT 0 or timer A interrupt request from watch mode Status System oscillator OP OP Stopped Stopped Stopped Subsystem oscillator OP OP OP *1 OP OP Instruction execution (ø CPU) OP Stopped Stopped Stopped OP Peripheral function, interrupt (ø PER) OP OP Stopped Stopped OP Clock function, interrupt (ø CLK) OP OP Stopped OP *2 OP *2 RAM OP Retained Retained Retained OP Registers/flags OP Retained Reset Retained OP I/O OP Retained High impedance* 3 Retained* 3 OP *3 Cancellation method RESET input, STOP/SBY instruction RESET input, interrupt request RESET input RESET input, INT 0 or timer A interrupt request RESET input, STOP/SBY instruction Notes: OP indicates operating. 1. To reduce current dissipation, stop all oscillation in external circuits. 2. Refer to the Interrupt Frame section for details. 3. Refer to interrupt frame. 4. Subactive mode is an optional function to be specified on the function option list. 5. In the watch and subactive modes, the MCU requires a 32.768-kHz crystal oscillator. |