| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD404816FS Datasheet(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404816FS Datasheet(HTML) 56 Page - Renesas Technology Corp |
|
56 / 100 page ![]() HD404818 Series 54 Table 23 Timer Mode Register C TMC3 Auto-Reload Function 0No 1 Yes TMC2 TMC1 TMC0 Prescaler Divide Ratio, Clock Input Source 00 0 ÷ 2048 00 1 ÷ 1024 01 0 ÷ 512 01 1 ÷ 128 10 0 ÷ 32 10 1 ÷ 8 11 0 ÷ 4 11 1 ÷ 2 Notes on Use When using the timer output as variable duty-cycle pulse (PWM) output, note the following point. From the update of the timer write register until the occurrence of the overflow interrupt, the PWM output differs from the period and duty settings, as shown in table 24. The PWM output should therefore not be used until after the overflow interrupt following the update of the timer write register. After the overflow, the PWM output will have the set period and duty cycle. |