Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7619 Datasheet(PDF) 8 Page - VBsemi Electronics Co.,Ltd

No. de pieza MC7619
Descripción Electrónicos  P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MC7619 Datasheet(HTML) 8 Page - VBsemi Electronics Co.,Ltd

  MC7619 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MC7619 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MC7619 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MC7619 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MC7619 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MC7619 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd MC7619 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd MC7619 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd MC7619 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RECOMMENDED MINIMUM PADS FOR SC-70: 6-Lead
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.067
(1.702)
0.016
(0.406)
0.026
(0.648)
0.010
(0.241)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
MC7619
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com