Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7601 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

No. de pieza MC7601
Descripción Electrónicos  P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VBSEMI [VBsemi Electronics Co.,Ltd]
Página de inicio  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MC7601 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  MC7601 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MC7601 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MC7601 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MC7601 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MC7601 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MC7601 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd MC7601 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd MC7601 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd MC7601 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0369
12
15
V
GS - Gate-Source Voltage (V)
0
0.02
0.04
0.06
0.08
0.1
0
5
10
15
20
25
00.5
1.0
1.5
2.0
2.5
VGS =5Vthru3V
VGS =2.5 V
VGS =1.5 V
VGS =2V
V
DS - Drain-to-Source Voltage (V)
0
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
VGS =2.5 V
VGS =1.8 V
VGS =4.5 V
I
D - Drain Current (A)
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Gate Charge
0369
12
15
V
GS - Gate-Source Voltage (V)
10
-10
10-9
10-8
10-6
10-4
10-7
10-5
T
J = 25 °C
T
J = 150 °C
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
TC = - 55 °C
TC = 125 °C
TC = 25 °C
V
GS - Gate-to-Source Voltage (V)
0
2
4
6
8
0
5
10
15
20
25
ID =5A
VDS =5V
VDS =10V
VDS =16V
Q
g - Total Gate Charge (nC)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
MC7601
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com