Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICE40LP Datasheet(PDF) 38 Page - Lattice Semiconductor

No. de pieza ICE40LP
Descripción Electrónicos  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP Datasheet(HTML) 38 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 34Page - Lattice Semiconductor ICE40LP Datasheet HTML 35Page - Lattice Semiconductor ICE40LP Datasheet HTML 36Page - Lattice Semiconductor ICE40LP Datasheet HTML 37Page - Lattice Semiconductor ICE40LP Datasheet HTML 38Page - Lattice Semiconductor ICE40LP Datasheet HTML 39Page - Lattice Semiconductor ICE40LP Datasheet HTML 40Page - Lattice Semiconductor ICE40LP Datasheet HTML 41Page - Lattice Semiconductor ICE40LP Datasheet HTML 42Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
38
FPGA-DS-02029-3.5
5. Pinout Information
5.1. Signal Descriptions
5.1.1. General Purpose
Signal Name
I/O
Description
IO[Bank]_[Row/Column
Number][A/B]
I/O
[Bank] indicates the bank of the device on which the pad is located.
[Number] indicates IO number on the device.
IO[Bank]_[Row/Column
Number][A/B]
I/O
[Bank] indicates the bank of the device on which the pad is located.
[Number] indicates IO number on the device.
[A/B] indicates the differential I/O. 'A' = negative input. 'B' = positive input.
HCIO[Bank]_[Number]
I/O
High Current IO. [Bank] indicates the bank of the device on which the pad is
located. [Number] indicates IO number.
NC
—
No connect
GND
—
GND – Ground. Dedicated pins. It is recommended that all GNDs are tied
together.
VCC
—
VCC – The power supply pins for core logic. Dedicated pins. It is
recommended that all VCCs are tied to the same supply.
VCCIO_x
—
VCCIO – The power supply pins for I/O Bank x. Dedicated pins. All VCCIOs
located in the same bank are tied to the same supply.
5.1.2. PLL and Global Functions (Used as user-programmable I/O pins when not used for PLL or
clock pins)
Signal Name
I/O
Description
VCCPLLx
—
PLL VCC – Power. Dedicated pins. The PLL requires a separate power and
ground that is quiet and stable to reduce the output clock jitter of the PLL.
GNDPLLx
—
PLL GND – Ground. Dedicated pins. The sysCLOCK PLL has the DC ground
connection made on the FPGA, so the external PLL ground connection
(GNDPLL) must NOT be connected to the board’s ground.
GBINx
—
Global pads. Two per side.
5.1.3. Programming and Configuration
Signal Name
I/O
Description
CBSEL[0:1]
I/O
Dual function pins. I/Os when not used as CBSEL. Optional ColdBoot
configuration Select input, if ColdBoot mode is enabled.
CRESET_B
I
Configuration Reset, active Low. Dedicated input. No internal pull-up
resistor. Either actively drive externally or connect a 10 kΩ pull-up resistor
to VCCIO_2.
CDONE
I/O
Configuration Done. Includes a permanent weak pull-up resistor to
VCCIO_2. If driving external devices with CDONE output, an external pull-
up resistor to VCCIO_2 may be required. Refer to the iCE40 Programming
and Configuration (FPGA-TN-02001) for more details. Following device
configuration the iCE40LP640 and iCE40LP1K in the SWG16 package CDONE
pin can be used as a user output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com