Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICE40LP Datasheet(PDF) 30 Page - Lattice Semiconductor

No. de pieza ICE40LP
Descripción Electrónicos  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40LP Datasheet(HTML) 30 Page - Lattice Semiconductor

Back Button ICE40LP Datasheet HTML 26Page - Lattice Semiconductor ICE40LP Datasheet HTML 27Page - Lattice Semiconductor ICE40LP Datasheet HTML 28Page - Lattice Semiconductor ICE40LP Datasheet HTML 29Page - Lattice Semiconductor ICE40LP Datasheet HTML 30Page - Lattice Semiconductor ICE40LP Datasheet HTML 31Page - Lattice Semiconductor ICE40LP Datasheet HTML 32Page - Lattice Semiconductor ICE40LP Datasheet HTML 33Page - Lattice Semiconductor ICE40LP Datasheet HTML 34Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
30
FPGA-DS-02029-3.5
4.22. Timing Adders
Over recommended operating conditions.
Table 4.23. Timing Adders – LP Devices*
Input Adjusters
LVDS25
LVDS, VCCIO = 2.5 V
–0.18
ns
subLVDS
subLVDS, VCCIO = 1.8 V
0.82
ns
LVCMOS33
LVCMOS, VCCIO = 3.3 V
0.18
ns
LVCMOS25
LVCMOS, VCCIO = 2.5 V
0.00
ns
LVCMOS18
LVCMOS, VCCIO = 1.8 V
0.19
ns
Output Adjusters
LVDS25E
LVDS, Emulated, VCCIO = 2.5 V
0.00
ns
subLVDSE
subLVDS, Emulated, VCCIO = 1.8 V
1.32
ns
LVCMOS33
LVCMOS, VCCIO = 3.3 V
–0.12
ns
LVCMOS25
LVCMOS, VCCIO = 2.5 V
0.00
ns
LVCMOS18
LVCMOS, VCCIO = 1.8 V
1.32
ns
*Notes:
Timing adders are relative to LVCMOS25 and characterized but not tested on every device.
LVCMOS timing measured with the load specified in the Switching Test Condition table.
All other standards tested according to the appropriate specifications.
Commercial timing numbers are shown.
Not all I/O standards are supported for all banks. See the Architecture section of this data sheet for details.
Over recommended operating conditions.
Table 4.24. Timing Adders – HX Devices*
Input Adjusters
LVDS25
LVDS, VCCIO = 2.5 V
0.13
ns
subLVDS
subLVDS, VCCIO = 1.8 V
1.03
ns
LVCMOS33
LVCMOS, VCCIO = 3.3 V
0.16
ns
LVCMOS25
LVCMOS, VCCIO = 2.5 V
0.00
ns
LVCMOS18
LVCMOS, VCCIO = 1.8 V
0.23
ns
Output Adjusters
LVDS25E
LVDS, Emulated, VCCIO = 2.5 V
0.00
ns
subLVDSE
subLVDS, Emulated, VCCIO = 1.8 V
1.76
ns
LVCMOS33
LVCMOS, VCCIO = 3.3 V
0.17
ns
LVCMOS25
LVCMOS, VCCIO = 2.5 V
0.00
ns
LVCMOS18
LVCMOS, VCCIO = 1.8 V
1.76
ns
*Notes:
Timing adders are relative to LVCMOS25 and characterized but not tested on every device.
LVCMOS timing measured with the load specified in the Switching Test Condition table.
All other standards tested according to the appropriate specifications.
Commercial timing numbers are shown.
Not all I/O standards are supported for all banks. See the Architecture section of this data sheet for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com