Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2132425 Datasheet(PDF) 12 Page - TE Connectivity Ltd

No. de pieza 2132425
Descripción Electrónicos  Impact??Backplane Connector System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2132425 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 2132425 Datasheet HTML 8Page - TE Connectivity Ltd 2132425 Datasheet HTML 9Page - TE Connectivity Ltd 2132425 Datasheet HTML 10Page - TE Connectivity Ltd 2132425 Datasheet HTML 11Page - TE Connectivity Ltd 2132425 Datasheet HTML 12Page - TE Connectivity Ltd 2132425 Datasheet HTML 13Page - TE Connectivity Ltd 2132425 Datasheet HTML 14Page - TE Connectivity Ltd 2132425 Datasheet HTML 15Page - TE Connectivity Ltd 2132425 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Catalog 7-1773458-1
Revised 8-19
reference purposes only.
unless otherwise specified.
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Daughter Card Receptacle Assemblies (Continued)
2 Pair Daughter Card
Receptacle Assemblies
Recommended PCB Layout
Min. Board Thickness 1.6
B
Ref.
C
A
Max.
Column
Guide
Part Number
Dimension
Application Tooling
Mates With
AB
C
Left
2057403-1
26.6
20.1
17.1
2018538-1
2057419-1
10
Right
2057404-1
26.6
20.1
17.1
2018538-1
2057423-1
Unguided
2057405-1
19
20.1
17.1
2018538-1
2057432-1
Left
2057409-1
38
20.1
28.5
2018539-1
2057737-1
16
Right
2057410-1
38
20.1
28.5
2018539-1
2057741-1
Unguided
2057411-1
30.4
20.1
28.5
2018539-1
2057750-1
Note: 16 column part number 2057410-1 is pictured below.
All the numbers provided are for 0.39mm PCB plated thru hole use. Part numbers are available for 0.46mm PCB
plated thru holes by contacting the respective country product information center listed on the bottom of each page.
Impact Backplane Connector System
Visit the Impact connector webpage at: www.te.com/products/impact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com