Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2132425 Datasheet(PDF) 21 Page - TE Connectivity Ltd

No. de pieza 2132425
Descripción Electrónicos  Impact??Backplane Connector System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2132425 Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button 2132425 Datasheet HTML 17Page - TE Connectivity Ltd 2132425 Datasheet HTML 18Page - TE Connectivity Ltd 2132425 Datasheet HTML 19Page - TE Connectivity Ltd 2132425 Datasheet HTML 20Page - TE Connectivity Ltd 2132425 Datasheet HTML 21Page - TE Connectivity Ltd 2132425 Datasheet HTML 22Page - TE Connectivity Ltd 2132425 Datasheet HTML 23Page - TE Connectivity Ltd 2132425 Datasheet HTML 24Page - TE Connectivity Ltd 2132425 Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Catalog 7-1773458-1
Revised 8-19
reference purposes only.
unless otherwise specified.
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Orthogonal Receptacle Assemblies (Continued)
5 Pair Orthogonal
Receptacle Assemblies
Recommended PCB Layout
B
C
A
Max.
Column
Guide
Part Number
Dimension
Application Tooling
Mates With
AB
C
Left
2132690-1
24.3
32.3
14.05
2018772-1
2143545-1
8
Right
2132691-1
24.3
32.3
14.05
2018772-1
2143547-1
Unguided
2132692-1
16.2
32.3
14.05
2018772-1
2143550-1
Left
2132693-1
28.35
32.3
18.1
2018772-2
2143557-1
10
Right
2132694-1
28.35
32.3
18.1
2018772-2
2143559-1
Unguided
2132695-1
20.25
32.3
18.1
2018772-2
2143562-1
Left
2132696-1
32.4
32.3
22.15
2018772-3
2143569-1
12
Right
2132697-1
32.4
32.3
22.15
2018772-3
2143571-1
Unguided
2132698-1
24.3
32.3
22.15
2018772-3
2143574-1
Note: 10 column part number 2132693-1 is pictured below.
All the numbers provided are for 0.39mm PCB plated thru hole use. Part numbers are available for 0.46mm PCB
plated thru holes by contacting the respective country product information center listed on the bottom of each page.
Impact Backplane Connector System
Visit the Impact connector webpage at: www.te.com/products/impact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com