Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATTINY817-MFR. Datasheet(PDF) 76 Page - Microchip Technology

No. de pieza ATTINY817-MFR.
Descripción Electrónicos  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 76 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 72Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 73Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 74Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 75Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 76Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 77Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 78Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 79Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 492 page
background image
12.
RSTCTRL - Reset Controller
12.1
Features
•
Reset the device and set it to an initial state.
•
Reset Flag register for identifying the Reset source in software.
•
Multiple Reset sources:
–
Power supply Reset sources: Brownout Detect (BOD), Power On Reset (POR)
–
User Reset sources: External Reset pin (RESET), Watchdog Reset (WDT), Software Reset
(SW) and UPDI Reset.
12.2
Overview
The Reset Controller (RSTCTRL) manages the Reset of the device. It issues a device Reset, sets the
device to its initial state, and allows the Reset source to be identified by software.
12.2.1
Block Diagram
Figure 12-1. Reset System Overview
RESET SOURCES
POR
BOD
WDT
CPU (SW)
RESET
RESET CONTROLLER
UPDI
UPDI
All other
Peripherals
TCD pin
override settings
(Loaded from fuses)
External Reset
FILTER
VDD
Pull-up
resistor
12.2.2
Signal Description
Signal
Description
Type
RESET
External Reset (active low)
Digital input
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More