Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATTINY817-MFR. Datasheet(PDF) 74 Page - Microchip Technology

No. de pieza ATTINY817-MFR.
Descripción Electrónicos  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 74 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 70Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 71Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 72Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 73Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 74Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 75Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 76Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 77Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 492 page
background image
•
X means active. X* indicates that the RUNSTBY bit of the corresponding peripheral must be set to
enter active state.
•
PTC is only available in devices with 8KB Flash (ATtiny817).
11.3.2.2 Wake-Up Time
The normal wake-up time for the device is 6 Main Clock cycles (CLK_PER), plus the time it takes to start
up the Main Clock source:
•
In Idle sleep mode the Main Clock source is kept running so it will not be any extra wake-up time.
•
In Standby sleep mode the Main Clock might be running, so it depends on the peripheral
configuration.
•
In Power Down sleep mode only the ULP 32KHz oscillator and RTC clock may be running, if it is
used by the BOD or WDT. All other clock sources will be off.
Table 11-3. Sleep modes and Start-up time
Sleep mode
Start-up time
IDLE
6 CLK
Standby
6 CLK + OSC start-up
Power Down
6 CLK + OSC start-up
The start-up time for the different clock sources is described in the Clock Controller (CLKCTRL) section.
In addition to the normal wake-up time it is possible to make the device wait until the BOD is ready before
executing code. This is done by writing 0x3 to the BOD Operation Mode in Active and Idle bits (ACTIVE)
in the BOD Configuration fuse (FUSE.BODCFG). If the BOD is ready before the normal wake-up time, the
net wake-up time will be the same. If the BOD takes longer than the normal wake-up time, the wake-up
time will be extended until the BOD is ready. This is ensures correct supply voltage whenever code is
executed.
11.3.3
Configuration Change Protection
Not applicable.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More