Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PJM7002KNSM Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

No. de pieza PJM7002KNSM
Descripción Electrónicos  N-Enhancement Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Página de inicio  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7002KNSM Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7002KNSM Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002KNSM Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002KNSM Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002KNSM Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PJM7002KNSM
N-Enhancement Field Effect Transistor
3 / 4
www.pingjingsemi.com
Revison:1.0 Sep-2019
Typical Characteristic Curves
0.0
0.2
1.2
1.4
1.6
1E-3
0.01
0.1
1
2
0
5
0.0
0.4
0.8
1.2
0
300
1200
1500
0
1
2
3
4
5
0
8
10
0
2
4
6
8
10
0
8
0.0
0.4
0.8
1.2
25
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T
a=25
Pulsed
Pulsed
T
a=100
V
SD
I
S
——
T
a=25
0.4
0.6
0.8
1.0
SOURCE TO DRAIN VOLTAGE
VOLTA
SD
(V)
V
GS=5V,6V,7V,10V
V
GS=4V
V
GS=3V
Output Characteristics
12
34
DRAIN TO SOURCE VOLTAGE V
DS
(V)
T
a=25
Pulsed
V
GS=10V
V
GS=4.5V
T
a=25
Pulsed
600
900
DRAIN CURRENT I
D
(mA)
—— I
D
R
DS(ON)
——
24
6
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS
R
DS(ON)
I
D=500mA
V
DS=3V
Pulsed
2
46
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
T
a=25
I
D=250uA
Threshold Voltage
50
75
100
JUNCTION TEMPERATURE T
j
(℃)



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com