Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PJM7002KNSM Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

No. de pieza PJM7002KNSM
Descripción Electrónicos  N-Enhancement Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Página de inicio  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7002KNSM Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7002KNSM Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002KNSM Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002KNSM Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002KNSM Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PJM7002KNSM
N-Enhancement Field Effect Transistor
1 / 4
www.pingjingsemi.com
Revison:1.0 Sep-2019
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Drain Source Voltage
VDSS
60
V
Gate Source Voltage
VGSS
± 20
V
Drain Current
Continuous
Pulsed
ID
340
800
mA
Total Power Dissipation
Ptot
150
mW
Thermal Resistance, Junction to Ambient
R
θ
JA
833
O
C/W
Storage Temperature Range
Tj, TStg
150,- 55 to + 150
O
C
1. Gate 2. Source 3. Drain
Marking: 72K
Schematic diagram
Features
High density cell design for low RDS(ON)
Voltage controlled small signal switching
High saturation current capability
High speed switching
ESD Protected
SOT-523
D
S
G


Número de pieza similar - PJM7002KNSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dongguan Pingjingsemi T...
PJM7002KNSA PJSEMI-PJM7002KNSA Datasheet
1Mb / 8P
N-Enhancement Field Effect Transistor
More results

Descripción similar - PJM7002KNSM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dongguan Pingjingsemi T...
PJM2302NSA-S PJSEMI-PJM2302NSA-S Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM3420NSA PJSEMI-PJM3420NSA Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM7002KNSA PJSEMI-PJM7002KNSA Datasheet
1Mb / 8P
N-Enhancement Field Effect Transistor
PJM7002NSA PJSEMI-PJM7002NSA Datasheet
3Mb / 6P
N-Enhancement Field Effect Transistor
PJM01N20KSA PJSEMI-PJM01N20KSA Datasheet
2Mb / 8P
N-Enhancement Field Effect Transistor
PJM10N30PA PJSEMI-PJM10N30PA Datasheet
511Kb / 5P
N-Enhancement Field Effect Transistor
PJM2302NSC PJSEMI-PJM2302NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM2304NSA PJSEMI-PJM2304NSA Datasheet
2Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3404NSC PJSEMI-PJM3404NSC Datasheet
4Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3416NSC PJSEMI-PJM3416NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com