| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LND01 Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LND01 Datasheet(HTML) 1 Page - Microchip Technology |
|
1 / 12 page ![]() 2017 Microchip Technology Inc. DS20005696A-page 1 LND01 Features • Bi-directional • Low On-resistance • Low Input Capacitance • Fast Switching Speeds • High Input Impedance and High Gain • Low Power Drive Requirement • Ease of Paralleling Applications • Normally-on Switches • Solid-state Relays •Converters • Constant Current Sources • Analog Switches General Description The LND01 is a low-threshold, Depletion-mode (normally-on) transistor that uses an advanced lateral DMOS structure and a well-proven silicon gate manufacturing process. This combination produces a device with the power handling capabilities of bipolar transistors as well as the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, this device is free from thermal runaway and thermally induced secondary breakdown. The body of the transistor is connected to the gate pin. The channel is therefore being pinched off by both the gate and body. The gate pin has a diode connected to the drain terminal and another diode connected to the source terminal. Package Type 5-lead SOT-23 See Table 2-1 for pin information. DRAIN SOURCE GATE N/C N/C Lateral N-Channel Depletion-Mode MOSFET |
Número de pieza similar - LND01 |
|
Descripción similar - LND01 |