Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VUN12AD03-KM Datasheet(PDF) 5 Page - Cyntec Co., Ltd.

No. de pieza VUN12AD03-KM
Descripción Electrónicos  3A, High Efficiency uPOL Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYNTEC [Cyntec Co., Ltd.]
Página de inicio  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VUN12AD03-KM Datasheet(HTML) 5 Page - Cyntec Co., Ltd.

  VUN12AD03-KM Datasheet HTML 1Page - Cyntec Co., Ltd. VUN12AD03-KM Datasheet HTML 2Page - Cyntec Co., Ltd. VUN12AD03-KM Datasheet HTML 3Page - Cyntec Co., Ltd. VUN12AD03-KM Datasheet HTML 4Page - Cyntec Co., Ltd. VUN12AD03-KM Datasheet HTML 5Page - Cyntec Co., Ltd. VUN12AD03-KM Datasheet HTML 6Page - Cyntec Co., Ltd. VUN12AD03-KM Datasheet HTML 7Page - Cyntec Co., Ltd. VUN12AD03-KM Datasheet HTML 8Page - Cyntec Co., Ltd. VUN12AD03-KM Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Rev. P00
5
VUN12AD03-KM
ELECTRICAL SPECIFICATIONS: (Cont.)
Conditions: TA = 25 ºC, unless otherwise specified. Test Board Information: 75mm×58mm×1.6mm, 4 layers 2oz.
The output ripple and transient response measurement is short loop probing and 20MegHz bandwidth limited.
VIN = 12V, VOUT = 5V, Cin =4.7uF/50V/1206/X7R x 2, Cout = 22uF/16V/1210/X7R x 2
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Characteristics
VUVLO_TH
VIN under
voltage lockout
threshold
VIN rising
-
3.8
-
V
VUVLO_TH_HY
VIN under
voltage lockout
hysteresis
-
900
-
mV
IS(IN)
Shutdown
Current
VEN=0V
-
1.3
-
uA
IQ1(IN)
Quiescent
Current
VEN=2V, VFB = 0.82V, not
switching
-
37
-
uA
IQ2(IN)
Quiescent
Current
VEN=2V, VOUT=5V, Load=0A,
switching, MODE=VCC (FPWM)
-
12
-
mA
IQ3(IN)
Quiescent
Current
VEN=2V, VOUT=5V, Load=0A,
switching, MODE=GND (PSM)
-
70
-
uA
Output Characteristics
VFB
Feedback
Voltage
TA = 25 ºC
0.792
0.8
0.808
V
VSW
Switching
Frequency
RT=120kΩ
-
430
-
kHz
SS
Frequency
spread spectrum
Range
Connect SSP_EN pin to VCC
-
6
-
%
ILIM
High side switch
current limit
RLIM=42.2kΩ
-
4.4
-
A
Dmin
Minimum Duty
Cycle
VOUT/VIN
-
4
-
%
VPGLH1_TH
Power Good
VFB rising, PGOOD low to high
-
90
-
%
VFB
VPGHL1_TH
Power Good
VFB rising, PGOOD high to low
-
120
-
%
VFB
VPGHL2_TH
Power Good
VFB falling, PGOOD high to low
-
85
-
%
VFB
VPGLH2_TH
Power Good
VFB falling, PGOOD low to high
-
117
-
%
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com