Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

845GL Datasheet(PDF) 165 Page - Intel Corporation

No. de pieza 845GL
Descripción Electrónicos  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 165 Page - Intel Corporation

Back Button 845GL Datasheet HTML 161Page - Intel Corporation 845GL Datasheet HTML 162Page - Intel Corporation 845GL Datasheet HTML 163Page - Intel Corporation 845GL Datasheet HTML 164Page - Intel Corporation 845GL Datasheet HTML 165Page - Intel Corporation 845GL Datasheet HTML 166Page - Intel Corporation 845GL Datasheet HTML 167Page - Intel Corporation 845GL Datasheet HTML 168Page - Intel Corporation 845GL Datasheet HTML 169Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 193 page
background image
Ballout and Package Information
Intel® 82845G/82845GL/82845GV GMCH Datasheet
165
HD_8#
J36
HD_9#
K34
HD_10#
K36
HD_11#
M30
HD_12#
M35
HD_13#
L34
HD_14#
K35
HD_15#
H36
HD_16#
G34
HD_17#
G36
HD_18#
J33
HD_19#
D35
HD_20#
F36
HD_21#
F34
HD_22#
E36
HD_23#
H34
HD_24#
F35
HD_25#
D36
HD_26#
H35
HD_27#
E33
HD_28#
E34
HD_29#
B35
HD_30#
G31
HD_31#
C36
HD_32#
D33
HD_33#
D30
HD_34#
D29
HD_35#
E31
HD_36#
D32
HD_37#
C34
HD_38#
B34
HD_39#
D31
HD_40#
G29
HD_41#
C32
HD_42#
B31
HD_43#
B32
HD_44#
B30
HD_45#
B29
HD_46#
E27
HD_47#
C28
HD_48#
B27
HD_49#
D26
HD_50#
D28
Table 7-2. Intel® 82845G
GMCH Ballout by Signal
Name
Signal Name
Ball #
HD_51#
B26
HD_52#
G27
HD_53#
H26
HD_54#
B25
HD_55#
C24
HD_56#
B23
HD_57#
B24
HD_58#
E23
HD_59#
C22
HD_60#
G25
HD_61#
B22
HD_62#
D24
HD_63#
G23
HDSTB_N0#
N31
HDSTB_N1#
G33
HDSTB_N2#
C30
HDSTB_N3#
D25
HDSTB_P0#
L31
HDSTB_P1#
J34
HDSTB_P2#
E29
HDSTB_P3#
E25
HDVREF_0
H30
HDVREF_1
H24
HDVREF_2
D27
HI_0
AA7
HI_1
AB8
HI_2
AC7
HI_3
AC5
HI_4
AD8
HI_5
AF4
HI_6
AE4
HI_7
AE5
HI_8
AF3
HI_9
AE2
HI_10
AF2
HI_RCOMP
AC2
HI_STBF
AC4
HI_STBS
AD4
HI_SWING
AD2
HI_VREF
AD3
HIT#
P36
HITM#
M36
HLOCK#
T35
Table 7-2. Intel® 82845G
GMCH Ballout by Signal
Name
Signal Name
Ball #
HREQ_0#
V36
HREQ_1#
AA31
HREQ_2#
W33
HREQ_3#
AA34
HREQ_4#
W35
HSYNC
B7
HTRDY#
V30
HX_RCOMP
B28
HX_SWING
H28
HY_RCOMP
V35
HY_SWING
Y30
MEM_SEL
Y2
NC
A2
NC
A36
NC
B1
NC
B37
NC
AH34
NC
AJ35
NC
AT1
NC
AT37
NC
AU1
NC
AU2
NC
AU36
NC
AU37
PSB_SEL
Y3
PWROK
E7
RED
C15
RED#
D16
REFSET
B16
RS_0#
R36
RS_1#
U34
RS_2#
P34
RSTIN#
AJ31
RSVD
A37
RSVD
W7
RSVD
Y4
RSVD
Y8
RSVD
AA2
RSVD
AA3
RSVD
AA4
RSVD
AA5
RSVD
AB3
SBA_0
AN27
Table 7-2. Intel® 82845G
GMCH Ballout by Signal
Name
Signal Name
Ball #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More