| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PJM2300NSA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
|
|||||||||||||||||||||||||||||
PJM2300NSA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
1 / 6 page ![]() PJM2300NSA N-Channel MOSFET 1 / 6 ⚫ TrenchFET Power MOSFET ⚫ Excellent RDS(on) and Low Gate Charge ⚫ Load Switch for Portable Devices ⚫ DC/DC Converter Absolute Maximum Ratings Ratings at TA =25 ℃ unless otherwise specified. Parameter Symbol Maximum Units Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS ±12 V Continuous Drain Current ID 4.5 A Pulsed Drain Current Note1 IDM 18 Power Dissipation PD 0.35 W Junction and Storage Temperature Range TJ, TSTG 150, -55 to 150 °C Thermal Characteristics Parameter Symbol Typ. Units Maximum Junction-to-Ambient Note2 RθJA 357 °C/W Applications Feature SOT-23 Schematic diagram 1 2 Gate Source 3Drain 1. Gate 2.Source 3.Drain Marking: M02 www.pingjingsemi.com Revision:1.0 J an-2019 |
Número de pieza similar - PJM2300NSA |
|
Descripción similar - PJM2300NSA |