Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MQS-55 Datasheet(PDF) 9 Page - SHINMEI ELECTRIC CO., LTD.

No. de pieza MQS-55
Descripción Electrónicos  Dust protected Compact-sized Snap Action Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Página de inicio  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

MQS-55 Datasheet(HTML) 9 Page - SHINMEI ELECTRIC CO., LTD.

Back Button MQS-55 Datasheet HTML 5Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 6Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 7Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 8Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 9Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 10Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 11Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 12Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 13Page - SHINMEI ELECTRIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MQS-55/-55A Series
9/13
SHINMEI ELECTRIC CO., LTD.
[]
Operating characteristic
Actuator
Operating
force code
O.F. MAX.
R.F. MIN
P.T. MAX
M.D. MAX
O.T. MIN
O.P.
1
0.74N(75gf)
0.098N(10gf)
3
0.98N(100gf)
0.147N(15 gf)
5
1.47N(150gf)
0.196N(20gf)
Pin plunger type
(Blank)
7
1.98N(200gf)
0.245N(25gf)
0.6mm
0.1mm
0.4mm
8.4 plus or
minus 0.3mm
1
0.29N(30gf)
0.020N(2gf)
3
0.39N(40gf)
0.034N(3.5gf)
5
0.59N(60gf)
0.039N(4gf)
Hinge short
lever
(L1)
7
0.78N(80gf)
0.049N(5gf)
2.5mm
0.5mm
0.8mm
8.8 plus or
minus 0.8mm
1
0.27N(28gf)
0.017N(1.7gf)
3
0.34N(35gf)
0.029N(3gf)
5
0.54N(55gf)
0.034N(3.5gf)
Hinge lever
(L)
7
0.69N(70gf)
0.039N(4gf)
2.8mm
0.8mm
1.2mm
8.8 plus or
minus 0.8mm
3
0.25N(25gf)
0.025N(2.5gf)
5
0.44N(45gf)
0.029N(3gf)
Hinge long lever
(L2)
7
0.49N(50gf)
0.034N(3.5gf)
3.5mm
1.0mm
1.6mm
8.8 plus or
minus 1.2mm
3
0.20N(20gf))
0.010N(1gf)
5
0.29N(30gf)
0.015N(1.5gf)
Hinge long lever
(L3)
7
0.39N(40gf)
0.020N(2gf)
6.0mm
1.8mm
1.7mm
8.8 plus or
minus 3.0mm
1
0.27N(28gf)
0.017N(1.7gf)
3
0.34N(35gf)
0.029N(3gf)
5
0.54N(55gf)
0.034N(3.5gf)
Hinge R2.5 lever
(D)
7
0.69N(70gf)
0.039N(4gf)
2.8mm
0.8mm
1.2mm
11.65 plus or
minus 0.8mm
1
0.27N(28gf)
0.017N(1.7gf)
3
0.34N(35gf)
0.029N(3gf)
5
0.54N(55gf)
0.034N(3.5gf)
Hinge R1.3 lever
(D3)
7
0.69N(70gf)
0.039N(4gf)
2.8mm
0.8mm
1.2mm
10.7 plus or
minus 0.8mm
1
0.29N(30gf)
0.020N(2gf)
3
0.39N(40gf)
0.034N(3.5gf)
5
0.59N(60gf)
0.039N(4gf)
Hinge roller
lever
(D2)
7
0.78N(80gf)
0.049N(5gf)
2.5mm
0.5mm
0.8mm
14.5 plus or
minus 0.8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com