Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MQS-55 Datasheet(PDF) 6 Page - SHINMEI ELECTRIC CO., LTD.

No. de pieza MQS-55
Descripción Electrónicos  Dust protected Compact-sized Snap Action Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINMEI [SHINMEI ELECTRIC CO., LTD.]
Página de inicio  http://www.shinmei-e.co.jp/e/index.html
Logo SHINMEI - SHINMEI ELECTRIC CO., LTD.

MQS-55 Datasheet(HTML) 6 Page - SHINMEI ELECTRIC CO., LTD.

Back Button MQS-55 Datasheet HTML 2Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 3Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 4Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 5Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 6Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 7Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 8Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 9Page - SHINMEI ELECTRIC CO., LTD. MQS-55 Datasheet HTML 10Page - SHINMEI ELECTRIC CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MQS-55/-55A Series
6/13
SHINMEI ELECTRIC CO., LTD.
<>Gold clad triple layer contact type (PC board terminal Right/Left angle, Water protected terminal)
Transfer type
COM-NO type
: MQS-55[ ]-_ _AU-_-R
: MQS-55[A]-_ _AU-_
([ ] is blank)
(A in [ ])
*Approved
standard
PC board terminal
right angle
PC board terminal
left angle
Water protected terminal
Actuator
No
Operating
force
(MAX)
C-UL
Products No.
Products No.
Products No.
0.74N
-
MQS-55[ ]-1AU-PR-[ ]
MQS-55[ ]-1AU-PL-[ ]
MQS-55[ ]-1AU-W-[ ]
0.98N
1
MQS-55[ ]-3AU-PR-[ ]
MQS-55[ ]-3AU-PL-[ ]
MQS-55[ ]-3AU-W-[ ]
1.47N
1
MQS-55[ ]-5AU-PR-[ ]
MQS-55[ ]-5AU-PL-[ ]
MQS-55[ ]-5AU-W-[ ]
Pin plunger type
(Blank)
1
1.98N
1
MQS-55[ ]-7AU-PR-[ ]
MQS-55[ ]-7AU-PL-[ ]
MQS-55[ ]-7AU-W-[ ]
0.29N
-
MQS-55[ ]-1L1AU-PR-[ ]
MQS-55[ ]-1L1AU-PL-[ ]
MQS-55[ ]-1L1AU-W-[ ]
0.39N
1
MQS-55[ ]-3L1AU-PR-[ ]
MQS-55[ ]-3L1AU-PL-[ ]
MQS-55[ ]-3L1AU-W-[ ]
0.59N
1
MQS-55[ ]-5L1AU-PR-[ ]
MQS-55[ ]-5L1AU-PL-[ ]
MQS-55[ ]-5L1AU-W-[ ]
Hinge short
lever
(L1)
2
0.78N
1
MQS-55[ ]-7L1AU-PR-[ ]
MQS-55[ ]-7L1AU-PL-[ ]
MQS-55[ ]-7L1AU-W-[ ]
0.27N
-
MQS-55[ ]-1LAU-PR-[ ]
MQS-55[ ]-1LAU-PL-[ ]
MQS-55[ ]-1LAU-W-[ ]
0.34N
1
MQS-55[ ]-3LAU-PR-[ ]
MQS-55[ ]-3LAU-PL-[ ]
MQS-55[ ]-3LAU-W-[ ]
0.54N
1
MQS-55[ ]-5LAU-PR-[ ]
MQS-55[ ]-5LAU-PL-[ ]
MQS-55[ ]-5LAU-W-[ ]
Hinge lever
(L)
3
0.69N
1
MQS-55[ ]-7LAU-PR-[ ]
MQS-55[ ]-7LAU-PL-[ ]
MQS-55[ ]-7LAU-W-[ ]
0.25N
1
MQS-55[ ]-3L2AU-PR-[ ]
MQS-55[ ]-3L2AU-PL-[ ]
MQS-55[ ]-3L2AU-W-[ ]
0.44N
1
MQS-55[ ]-5L2AU-PR-[ ]
MQS-55[ ]-5L2AU-PL-[ ]
MQS-55[ ]-5L2AU-W-[ ]
Hinge long lever
(L2)
4
0.49N
1
MQS-55[ ]-7L2AU-PR-[ ]
MQS-55[ ]-7L2AU-PL-[ ]
MQS-55[ ]-7L2AU-W-[ ]
0.20N
1
MQS-55[ ]-3L3AU-PR-[ ]
MQS-55[ ]-3L3AU-PL-[ ]
MQS-55[ ]-3L3AU-W-[ ]
0.29N
1
MQS-55[ ]-5L3AU-PR-[ ]
MQS-55[ ]-5L3AU-PL-[ ]
MQS-55[ ]-5L3AU-W-[ ]
Hinge long lever
(L3)
5
0.39N
1
MQS-55[ ]-7L3AU-PR-[ ]
MQS-55[ ]-7L3AU-PL-[ ]
MQS-55[ ]-7L3AU-W-[ ]
0.27N
-
MQS-55[ ]-1DAU-PR-[ ]
MQS-55[ ]-1DAU-PL-[ ]
MQS-55[ ]-1DAU-W-[ ]
0.34N
1
MQS-55[ ]-3DAU-PR-[ ]
MQS-55[ ]-3DAU-PL-[ ]
MQS-55[ ]-3DAU-W-[ ]
0.54N
1
MQS-55[ ]-5DAU-PR-[ ]
MQS-55[ ]-5DAU-PL-[ ]
MQS-55[ ]-5DAU-W-[ ]
Hinge R2.5
lever
(D)
6
0.69N
1
MQS-55[ ]-7DAU-PR-[ ]
MQS-55[ ]-7DAU-PL-[ ]
MQS-55[ ]-7DAU-W-[ ]
0.27N
-
MQS-55[ ]-1D3AU-PR-[ ] MQS-55[ ]-1D3AU-PL-[ ] MQS-55[ ]-1D3AU-W-[ ]
0.34N
1
MQS-55[ ]-3D3AU-PR-[ ] MQS-55[ ]-3D3AU-PL-[ ] MQS-55[ ]-3D3AU-W-[ ]
0.54N
1
MQS-55[ ]-5D3AU-PR-[ ] MQS-55[ ]-5D3AU-PL-[ ] MQS-55[ ]-5D3AU-W-[ ]
Hinge R1.3
lever
(D3)
7
0.69N
1
MQS-55[ ]-7D3AU-PR-[ ] MQS-55[ ]-7D3AU-PL-[ ] MQS-55[ ]-7D3AU-W-[ ]
0.29N
-
MQS-55[ ]-1D2AU-PR-[ ] MQS-55[ ]-1D2AU-PL-[ ] MQS-55[ ]-1D2AU-W-[ ]
0.39N
1
MQS-55[ ]-3D2AU-PR-[ ] MQS-55[ ]-3D2AU-PL-[ ] MQS-55[ ]-3D2AU-W-[ ]
0.59N
1
MQS-55[ ]-5D2AU-PR-[ ] MQS-55[ ]-5D2AU-PL-[ ] MQS-55[ ]-5D2AU-W-[ ]
Hinge roller
lever
(D2)
8
0.78N
1
MQS-55[ ]-7D2AU-PR-[ ] MQS-55[ ]-7D2AU-PL-[ ] MQS-55[ ]-7D2AU-W-[ ]
* The number represents ratings.
1 : 0.1A 30V DC / 0.1A 125V AC
2 : 2A 250V AC / 2A 30V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com