Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM35H Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

No. de pieza LM35H
Descripción Electrónicos  Precision Centigrade Temperature Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM35H Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM35H Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM35
Precision Centigrade Temperature Sensors
General Description
The LM35 series are precision integrated-circuit temperature
sensors, whose output voltage is linearly proportional to the
Celsius (Centigrade) temperature. The LM35 thus has an
advantage over linear temperature sensors calibrated in
˚ Kelvin, as the user is not required to subtract a large
constant voltage from its output to obtain convenient Centi-
grade scaling. The LM35 does not require any external
calibration or trimming to provide typical accuracies of ±1⁄4˚C
at room temperature and ±3⁄4˚C over a full −55 to +150˚C
temperature range. Low cost is assured by trimming and
calibration at the wafer level. The LM35’s low output imped-
ance, linear output, and precise inherent calibration make
interfacing to readout or control circuitry especially easy. It
can be used with single power supplies, or with plus and
minus supplies. As it draws only 60 µA from its supply, it has
very low self-heating, less than 0.1˚C in still air. The LM35 is
rated to operate over a −55˚ to +150˚C temperature range,
while the LM35C is rated for a −40˚ to +110˚C range (−10˚
with improved accuracy). The LM35 series is available pack-
aged in hermetic TO-46 transistor packages, while the
LM35C, LM35CA, and LM35D are also available in the
plastic TO-92 transistor package. The LM35D is also avail-
able in an 8-lead surface mount small outline package and a
plastic TO-220 package.
Features
n
Calibrated directly in ˚ Celsius (Centigrade)
n
Linear + 10.0 mV/˚C scale factor
n
0.5˚C accuracy guaranteeable (at +25˚C)
n
Rated for full −55˚ to +150˚C range
n
Suitable for remote applications
n
Low cost due to wafer-level trimming
n
Operates from 4 to 30 volts
n
Less than 60 µA current drain
n
Low self-heating, 0.08˚C in still air
n
Nonlinearity only ±1⁄4˚C typical
n
Low impedance output, 0.1
Ω for 1 mA load
Typical Applications
DS005516-3
FIGURE 1. Basic Centigrade Temperature Sensor
(+2˚C to +150˚C)
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - LM35H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM35H NSC-LM35H Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35H NSC-LM35H Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35H TI1-LM35H Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35H TI1-LM35H Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35H TI1-LM35H Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
More results

Descripción similar - LM35H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35 Datasheet
348Kb / 15P
LM35 Precision Centigrade Temperature Sensors
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM35CZ TI1-LM35CZ Datasheet
1Mb / 29P
LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
LM35 Precision Centigrade Temperature Sensors
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com