Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM35H Datasheet(PDF) 7 Page - Tiger Electronic Co.,Ltd

No. de pieza LM35H
Descripción Electrónicos  Precision Centigrade Temperature Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM35H Datasheet(HTML) 7 Page - Tiger Electronic Co.,Ltd

Back Button LM35H Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 9Page - Tiger Electronic Co.,Ltd LM35H Datasheet HTML 10Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications
CAPACITIVE LOADS
Like most micropower circuits, the LM35 has a limited ability
to drive heavy capacitive loads. The LM35 by itself is able to
drive 50 pf without special precautions. If heavier loads are
anticipated, it is easy to isolate or decouple the load with a
resistor; see
Figure 3. Or you can improve the tolerance of
capacitance with a series R-C damper from output to
ground; see
Figure 4.
When the LM35 is applied with a 200
Ω load resistor as
shown in
Figure 5, Figure 6 or Figure 8 it is relatively immune
to wiring capacitance because the capacitance forms a by-
pass from ground to input, not on the output. However, as
with any linear circuit connected to wires in a hostile envi-
ronment, its performance can be affected adversely by in-
tense electromagnetic sources such as relays, radio trans-
mitters, motors with arcing brushes, SCR transients, etc, as
its wiring can act as a receiving antenna and its internal
junctions can act as rectifiers. For best results in such cases,
a bypass capacitor from V
IN to ground and a series R-C
damper such as 75
Ω in series with 0.2 or 1 µF from output to
ground are often useful. These are shown in
Figure 13,
Figure 14, and Figure 16.
DS005516-19
FIGURE 3. LM35 with Decoupling from Capacitive Load
DS005516-20
FIGURE 4. LM35 with R-C Damper
DS005516-5
FIGURE 5. Two-Wire Remote Temperature Sensor
(Grounded Sensor)
DS005516-6
FIGURE 6. Two-Wire Remote Temperature Sensor
(Output Referred to Ground)
DS005516-7
FIGURE 7. Temperature Sensor, Single Supply, −55˚ to
+150˚C
DS005516-8
FIGURE 8. Two-Wire Remote Temperature Sensor
(Output Referred to Ground)
DS005516-9
FIGURE 9. 4-To-20 mA Current Source (0˚C to +100˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com