Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RFBPF2012091ART Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza RFBPF2012091ART
Descripción Electrónicos  2.4 GHz ISM Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFBPF2012091ART Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFBPF2012091ART Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_RFBPF2012090ART_V06
May 2016
ELECTRICAL CHARACTERISTICS
RFBPF2012090ART
Specification
Frequency range
2400 ~ 2500 MHz
Insertion Loss
1.0 dB max.
Attenuation
20 dB min. @ 1600 MHz
25 dB min. @ 3200 MHz
VSWR
2.0 max.
Impedance
50 Ω
Operation Temperature Range
-40
C ~ +85C
Moisture sensitivity levels
MSL is LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)
Typical Electrical Chart
SOLDER LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com