Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RFBPF2012091ART Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza RFBPF2012091ART
Descripción Electrónicos  2.4 GHz ISM Band Working Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFBPF2012091ART Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFBPF2012091ART Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ART Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_RFBPF2012090ART_V06
May 2016
FEATURES
1.
Miniature footprint: 2.0 X 1.2 X 0.9 mm
3
2.
Low Insertion loss
3.
High Rejection Rate
4.
LTCC process
APPLICATIONS
1.
2.4GHz ISM band RF applications
2.
Bluetooth, Wireless LAN 802.11b/g
CONSTRUCTION
Top view
DIMENSIONS
Figure
Symbol
Dimension (mm)
L
2.00 ± 0.15
W
1.20 ± 0.15
T
0.90 ± 0.10
A
0.45 ± 0.15
B
1.10 ± 0.15
C
0.25 ± 0.15
D
0.25 ± 0.15
E
0.45 ± 0.15
F
0.30 ± 0.15
PIN
Connection
1
Input port
2
GND
3
Output port
4
GND
P1
P2
P3
P4
Top view
Bottom view
Side view
Side view



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com