Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RFBPF2012091ALT Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza RFBPF2012091ALT
Descripción Electrónicos  ISM 2.4GHz Band Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFBPF2012091ALT Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFBPF2012091ALT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_ RFBPF2012090ALT_V03
May 2017
ELECTRICAL CHARACTERISTICS
RFBPF2012090ALT
Specification
Frequency range
2400 ~2500 MHz
Insertion Loss
1.0 dB max. at 25 °C
1.2 dB max. at -40 ~ +85 °C
Attenuation
28 dB min. @ 824 ~ 960MHz
28 dB min. @ 1570 ~ 1580MHz
23 dB min. @ 1710 ~ 1910MHz
17 dB min. @ 1920~ 1990MHz
25 dB min. @ 4800 ~ 5000MHz
VSWR
2.0 max.
Impedance
50 Ω
Moisture sensitivity levels
MSL is LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)
Operating & Storage Condition (Component)
Operation Temperature Range: -40 ~ +85 ℃
Storage Temperature Range: -40 ~ +85 ℃
Storage Condition before Soldering (Included packaging material)
Storage Temperature Range: +5 ~ +40 ℃
Humidity: 30 to 70% relative humidity
Typical Electrical Chart
SOLDER LAND PATTERN
Figure
Unit : mm
Line width to be designed to match 50 Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com