Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RFBPF2012091ALT Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza RFBPF2012091ALT
Descripción Electrónicos  ISM 2.4GHz Band Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFBPF2012091ALT Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFBPF2012091ALT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFBPF2012091ALT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_ RFBPF2012090ALT_V03
May 2017
FEATURES
1.
Miniature footprint: 2.0 X 1.2 X 0.9 mm
3
2.
Ultra Low Insertion Loss
3.
Special pin definition
4.
LTCC process
APPLICATIONS
1.
2.4GHz RF applications
2.
Bluetooth , Wireless LAN 802.11b/g/ n, HomeRF
CONSTRUCTION
DIMENSIONS
Figure
Symbol
Dimension (mm)
L
2.00 ± 0.15
W
1.25 ± 0.10
T
0.90 ± 0.10
A
0.15 ± 0.10
B
0.40 ± 0.10
C
0.30 ± 0.10
D
0.30 ± 0.10
E
0.15 ± 0.10
F
0.95 ± 0.10
G
0.30 ± 0.10
H
0.35 ± 0.10
PIN
Connection
1
Input Port
2
GND
3
Output Port
4
GND
Top View
P1
P3
P2
P4
Top view
Bottom view
Side view
Side view



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com