Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXTU4N60P Datasheet(PDF) 5 Page - IXYS Corporation

No. de pieza IXTU4N60P
Descripción Electrónicos  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTU4N60P Datasheet(HTML) 5 Page - IXYS Corporation

  IXTU4N60P Datasheet HTML 1Page - IXYS Corporation IXTU4N60P Datasheet HTML 2Page - IXYS Corporation IXTU4N60P Datasheet HTML 3Page - IXYS Corporation IXTU4N60P Datasheet HTML 4Page - IXYS Corporation IXTU4N60P Datasheet HTML 5Page - IXYS Corporation IXTU4N60P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
TO-220 Outline
1 - Gate
2,4 - Drain
3 - Source
E1
E
A
D1
D
Q
L1
oP
H1
A1
L
A2
D2
e
c
e1
e1
3X b2
e
3X b
EJECTOR
PIN
TO-251 OUTLINE
TO-252 AA Outline
1 - Gate
2,4 - Drain
3 - Source
L1
b2
e1
L4
E
A
c2
H
A1
A2
L2
L
A
e
c
0
e1
e1
e1
e1
e1
OPTIONAL
5.55MIN
1.25MIN
6.50MIN
2.28
6.40
BOTTOM
VIEW
2.85MIN
LAND PATTERN RECOMMENDATION
4
1
2
3
4
L3
b3
TO-263 Outline
1 - Gate
2,4 - Drain
3 - Source
C2
A
H
1
b
D
E
D1
E1
b2
L2
L1
2
3
4
L3
A2
A1
e
c
e
0

0.43 [11.0]
0.66 [16.6]
0.06 [1.6]
0.10 [2.5]
0.20 [5.0]
0.34 [8.7]
0.12 [3.0]
IXTU4N60P
IXTY4N60P
IXTA4N60P
IXTP4N60P
OBSOLETE
IXTY4N60P
IXTA4N60P
IXTP4N60P



Html Pages

1 2 3 4 5 6