Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE3M0059 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE3M0059
Descripción Electrónicos  MIL-DTL-17 BNC Male to N Female Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0059 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3M0059 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Configuration
• Connector 1: M39012/16-0014(BNC Male)
• Connector 2: M39012/02-0503(N Female)
• Cable: M17/128-RG400
Features
• Max Frequency 4 GHz
• 69.5% Phase Velocity
• Double Shielded
• Lot Traceability
• J-STD-Soldering
Qualified (QPL) cable and connectors
• RF Test Plots
• Test Report
• In stock and ready to ship
Applications
• Hi-Rel
• MIL-DTL-17 Requirements
• Avionics
• IFF
• SATCOM
• ECM
.
Description
Pasternack’s MIL-DTL-17 cable assemblies are part of our full line of reliable RF components available for same-day ship-
ping. These commercial-off-the-shelf (COTS), military grade cable assemblies are designed and processed with high reli-
ability in mind. MIL-PRF-39012 connectors and MIL-C-17 coaxial cable are assembled using J-STD soldering processes and
WHMA-A-620 workmanship criteria. The combination of materials, processing and acceptance testing work together to create
a dependable cable assembly for applications where performance over time is important or the cost of failure is high. Each
finished MIL-DTL-17 cable assembly is traceable to its component lots and a test report is available for every lot produced.
Our MIL-DTL-17 cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and cus-
tomize their signal connections however they like. Whether the need is to provide reliable mil-spec connections or fielding
dependable RF cable assemblies, Pasternack has the right cable assemblies for the job. Pasternack can also expertly build
your custom cable assemblies for you and ship same day.
Referenced Specifications
IPC/WHMA-A-620
Requirements and Acceptance for Cable and Wire Harness Assemblies
MIL-DTL-17
Cables, Radio Frequency, Flexible and Semirigid, General Specification for
MIL-STD-348
Radio Frequency Connector Interfaces for MIL-DTL-3643, MIL-DTL-3650, MIL-DTL-3655, MIL-
DTL-25516, MIL-PRF-31031, MIL-PRF-39012, MIL-PRF-49142, MIL-PRF...
MIL-PRF-39012
Connectors, Coaxial, Radio Frequency, General Specification for
IPC J-STD-001
Requirements for Soldered Electrical and Electronic Assemblies
IPC J-STD-006
Requirements for Electronic Grade Solder Alloys and Fluxed and Non-Fluxed Solid Solders for
Electronic Soldering Applications
SAE AS5942
Marking of Electrical Insulating Materials
SAE AS23053
Insulation Sleeving, Electrical, Heat Shrinkable, General Specifications For
SAE AS22520
Crimping Tools, Wire Termination, General Specification For
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MIL-DTL-17 BNC Male to N Female Cable Using M17/128-RG400 Coax PE3M0059
PE3M0059 REV 1.1
MIL-DTL-17 BNC Male to N Female Cable
Using M17/128-RG400 Coax
RF Cable Assemblies Technical Data Sheet
PE3M0059


Número de pieza similar - PE3M0059

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3M0050 PASTERNACK-PE3M0050 Datasheet
556Kb / 6P
MIL-DTL-17 N Female Bulkhead to TNC Male Cable
PE3M0057 PASTERNACK-PE3M0057 Datasheet
538Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
PE3M0058 PASTERNACK-PE3M0058 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to N Male Cable
More results

Descripción similar - PE3M0059

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3M0004 PASTERNACK-PE3M0004 Datasheet
542Kb / 6P
MIL-DTL-17 BNC Male to N Female Bulkhead Cable
PE3M0029 PASTERNACK-PE3M0029 Datasheet
539Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
PE3M0030 PASTERNACK-PE3M0030 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to N Male Cable
PE3M0031 PASTERNACK-PE3M0031 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to N Female Cable
PE3M0032 PASTERNACK-PE3M0032 Datasheet
544Kb / 6P
MIL-DTL-17 BNC Male to N Female Bulkhead Cable
PE3M0058 PASTERNACK-PE3M0058 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to N Male Cable
PE3M0060 PASTERNACK-PE3M0060 Datasheet
544Kb / 6P
MIL-DTL-17 BNC Male to N Female Bulkhead Cable
PE3M0085 PASTERNACK-PE3M0085 Datasheet
541Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
PE3M0100 PASTERNACK-PE3M0100 Datasheet
540Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
PE3M0115 PASTERNACK-PE3M0115 Datasheet
537Kb / 6P
MIL-DTL-17 BNC Male to BNC Male Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com