Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE3M0059 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

No. de pieza PE3M0059
Descripción Electrónicos  MIL-DTL-17 BNC Male to N Female Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0059 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3M0059 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0059 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
5
How to Order
Part Number Configuration:
PE3M0059
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3M0059-12 = 12 inches long cable
PE3M0059-100cm = 100 cm long cable
MIL-DTL-17 BNC Male to N Female Cable Using M17/128-RG400 Coax from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MIL-DTL-17 BNC Male to N Female Cable Using M17/128-RG400 Coax PE3M0059
URL:
https://www.pasternack.com/bnc-male-n-female-m17-128-rg400-cable-assembly-pe3m0059-p.aspx
PE3M0059 REV 1.1
RF Cable Assemblies Technical Data Sheet
MIL-DTL-17 BNC Male to N Female Cable
Using M17/128-RG400 Coax
PE3M0059



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com