Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMS8N50K Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HMS8N50K
Descripción Electrónicos  500V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HMS8N50K Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HMS8N50K Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N50K Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N50K Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N50K Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N50K Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N50K Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N50K Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics
TC = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 uA, TJ=25℃
500
--
--
V
VGS = 0 V, ID = 250 uA, TJ=150℃
--
550
--
V
BVDSS
/ △TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 uA, Referenced to 25℃
--
0.6
--
V/℃
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
--
--
1
uA
VDS = 480 V, TC = 125℃
--
--
10
uA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 uA
2.5
3.5
4.5
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 3.5 A
--
0.5
0.55
Ω
gFS
Forward Transconductance
VDS = 40 V, ID = 3.5 A (Note 4)
--
16
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
360
--
pF
Coss
Output Capacitance
--
25
--
pF
Crss
Reverse Transfer Capacitance
--
1.2
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 400 V, ID = 3.5 A,
RG = 20 Ω
(Note 4, 5)
--
25 
--
ns
tr
Turn-On Rise Time
--
55
--
ns
td(off)
Turn-Off Delay Time
--
70
--
ns
tf
Turn-Off Fall Time
--
40
--
ns
Qg
Total Gate Charge
VDS = 480 V, ID = 7 A,
VGS = 10 V
(Note 4, 5)
--
8
--
nC
Qgs
Gate-Source Charge
--
2.0
--
nC
Qgd
Gate-Drain Charge
--
2.7
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
7
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
18
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 7 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 7 A,
--
190
--
ns
Qrr
Reverse Recovery Charge
dIF / dt = 100 A/us
(Note 4)
--
2.3
--
uC
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=60mH, IAS=1.7A, VDD=150V, Starting TJ=25 ℃
3. ISD≤7A, di/dt ≤ 200A/us, VDD ≤ BVDSS, Starting TJ = 25 ℃
4. Pulse Test: Pulse width ≤ 300us, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
HMS8N50K/HMS8N50I



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com