Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7703BRWZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza ADUM7703BRWZ
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7703BRWZ Datasheet(HTML) 4 Page - Analog Devices

  ADUM7703BRWZ Datasheet HTML 1Page - Analog Devices ADUM7703BRWZ Datasheet HTML 2Page - Analog Devices ADUM7703BRWZ Datasheet HTML 3Page - Analog Devices ADUM7703BRWZ Datasheet HTML 4Page - Analog Devices ADUM7703BRWZ Datasheet HTML 5Page - Analog Devices ADUM7703BRWZ Datasheet HTML 6Page - Analog Devices ADUM7703BRWZ Datasheet HTML 7Page - Analog Devices ADUM7703BRWZ Datasheet HTML 8Page - Analog Devices ADUM7703BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADuM7703
Data Sheet
Rev. 0 | Page 4 of 22
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VIN+ > 320 mV
VDD1
4.5
15
20
V
VDD2
3
5.5
V
VDD1 Current (IDD1)
8.2
10
mA
VDD2 Current (IDD2)
2
3
mA
Power Dissipation
133
216.5
mW
VDD2 = 4.5 V to 5.5 V
130
211
mW
VDD2 = 3 V to 3.6 V
1 See the Terminology section.
TIMING SPECIFICATIONS
VDD1 = 4.5 V to 20 V, VDD2 = 3 V or 5.5 V, TA = −40°C to +125°C (16-lead SOIC_W), TA = −40°C to +105°C (8-lead SIOC_IC), unless otherwise
noted. Sample tested during initial release to ensure compliance. It is recommended to read MDAT on the MCLKIN rising edge.
Table 2.
Parameter
Limit at TMIN, TMAX
Unit
Description
Min
Typ
Max
fMCLKIN
5
20
21
MHz
Master clock input frequency
tMCLKIN
48
50
200
ns
Master clock input period
t11
16
ns
Data access time after MCLKIN rising edge
t21
5
ns
Data hold time after MCLKIN rising edge
t3
0.4 × tMCLKIN
ns
Master clock low time
t4
0.4 × tMCLKIN
ns
Master clock high time
1 Defined as the time required from an 80% MCLKIN input level to when the output crosses 0.5 × VDD2 as outlined in Figure 2. Measured with a ±20 μA load and a 25 pF
load capacitance.
Timing Diagram
MCLKIN
MDAT
1SEE NOTE 1 OF TABLE 2 FOR FURTHER DETAILS.
t4
tMCLKIN
t1
t2
t3
80%
0.5 × VDD21
Figure 2. Data Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com