Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7703BRWZ Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADUM7703BRWZ
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7703BRWZ Datasheet(HTML) 3 Page - Analog Devices

  ADUM7703BRWZ Datasheet HTML 1Page - Analog Devices ADUM7703BRWZ Datasheet HTML 2Page - Analog Devices ADUM7703BRWZ Datasheet HTML 3Page - Analog Devices ADUM7703BRWZ Datasheet HTML 4Page - Analog Devices ADUM7703BRWZ Datasheet HTML 5Page - Analog Devices ADUM7703BRWZ Datasheet HTML 6Page - Analog Devices ADUM7703BRWZ Datasheet HTML 7Page - Analog Devices ADUM7703BRWZ Datasheet HTML 8Page - Analog Devices ADUM7703BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADuM7703
Rev. 0 | Page 3 of 22
SPECIFICATIONS
VDD1 = 4.5 V to 20 V, VDD2 = 3 V or 5.5 V, VIN+ = −250 mV to +250 mV, VIN− = 0 V, TA = −40°C to +125°C (16-lead SOIC_W), TA = −40°C to
+105°C (8-lead SOIC_IC), MCLKIN frequency (fMCLKIN) = 20 MHz, tested with a sinc3 filter, and a 256 decimation rate, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits
Filter output truncated to 16 bits
Integral Nonlinearity (INL)1
±2
±5
LSB
Differential Nonlinearity (DNL)1
±0.99
LSB
Guaranteed no missed codes to 16 bits
Offset Error1
±0.05
±0.13
mV
Initial at TA = 25°C
±0.1
±0.18
mV
Offset Drift vs. Temperature1
±0.1
±0.6
μV/°C
Offset Drift vs. VDD1
±0.1
μV/V
Gain Error1
±0.2
% FSR
Initial at TA = 25°C
Gain Error Drift vs. Temperature1
±12.5
±28
ppm/°C
±8
±18
μV/°C
Gain Error Drift vs. VDD1
±5
ppm/V
ANALOG INPUT
Input Voltage Range
−320
+320
mV
Full-scale range
−250
+250
mV
For specified performance
Input Common-Mode Voltage Range
−0.2 to +0.8
V
Dynamic Input Current
±1
±2
μA
VIN+ = ±250 mV, VIN− = 0 V
0.05
μA
VIN+ = 0 V, VIN− = 0 V
DC Leakage Current
±0.01
μA
Input Capacitance
25
pF
DYNAMIC SPECIFICATIONS
VIN+ = 1 kHz
Signal-to-Noise-and-Distortion Ratio (SINAD)1
82
86
dB
SNR1
83
86
dB
Total Harmonic Distortion (THD)1
−84
−99
dB
Peak Harmonic or Spurious-Free Dynamic
Range Noise (SFDR)1
−97
dB
Effective Number of Bits (ENOB)1
13.3
14
Bits
ISOLATION COMMON-MODE TRANSIENT
IMMUNITY (CMTI)1
Common-mode voltage (|VCM|) = 2 kV
Static and Dynamic
75
150
kV/μs
VDD2 = 5.5 V
150
kV/μs
VDD2 = 3.3 V
LOGIC INPUTS
CMOS with Schmitt trigger
Input High Voltage (VIH)
0.7 × VDD2
V
Input Low Voltage (VIL)
0.3 × VDD2
V
Input Current (IIN)
±0.6
μA
Input Capacitance (CIN)
10
pF
LOGIC OUTPUTS
Output High Voltage (VOH)
VDD2 − 0.4
VDD2 − 0.2
V
Output current (IOUT) = −4 mA
Output Low Voltage (VOL)
0.2
0.4
V
IOUT = 4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com