| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
THCV235 Datasheet(PDF) 2 Page - California Eastern Labs |
|
|
|||||||||||||||||||||||||||||
THCV235 Datasheet(HTML) 2 Page - California Eastern Labs |
|
2 / 68 page ![]() THCV235_THCV236_Rev.3.40_E Copyright©2016 THine Electronics, Inc. THine Electronics, Inc. 2/68 Security E Contents Page General Description .............................................................................................................................................. 1 Features .................................................................................................................................................................. 1 Block Diagram ....................................................................................................................................................... 1 Pin Configuration .................................................................................................................................................. 4 Pin Description ...................................................................................................................................................... 5 Functional Overview ........................................................................................................................................... 13 Functional Description........................................................................................................................................ 13 Internal Reference Output/Input Function (CAPOUT, CAPINA, CAPINP) ............................................ 13 Power Down (PDN1, PDN0) ........................................................................................................................... 13 Main-Link Mode Setting................................................................................................................................. 14 V-by-One ® HS Mode (MAINMODE=0) ........................................................................................................ 14 Sync Free Mode (MAINMODE=1) ................................................................................................................ 14 Color Space Conversion.................................................................................................................................. 14 Pre-emphasis and Drive Select Function (THCV235 only) ......................................................................... 14 Permanent Clock Output (THCV236 only) .................................................................................................. 15 Spread Spectrum Clock Generator (SSCG).................................................................................................. 15 Data Enable...................................................................................................................................................... 17 Hot-Plug Function ........................................................................................................................................... 18 Lock Detect Function ...................................................................................................................................... 18 Field BET Operation....................................................................................................................................... 20 Data Width and Frequency Range Select Function ..................................................................................... 22 Data Mapping .................................................................................................................................................. 24 Sub-Link Mode Setting ................................................................................................................................... 26 2-wire serial I/F Mode ..................................................................................................................................... 26 2-wire serial I/F Device ID setting ................................................................................................................ 26 2-wire serial I/F Clock Stretching ................................................................................................................. 27 Read/Write access to Sub-Link Master Register ........................................................................................... 28 Read/Write access to Sub-Link Slave Register ............................................................................................. 29 Read/Write access to remote side 2-wire serial slave devices connected to Sub-Link Slave Device............ 31 GPIO.............................................................................................................................................................. 35 Interruption.................................................................................................................................................... 38 Low Speed Data Bridge Mode........................................................................................................................ 39 Register Map........................................................................................................................................................ 40 Absolute Maximum Ratings ............................................................................................................................... 50 Recommended Operating Conditions................................................................................................................ 50 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |