Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM5185 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM5185
Descripción Electrónicos  High-voltage low-power synchronous boost control chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5185 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5185 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
模块功能框图
CSN
BOOT
LGATE
LDO
5V
LDO
HGATE
VCC
EN
FB
GND
SST
LX
OSC
Slope
Bandgap
LOGIC
&
PROTECTION
CSP
COMP
CSA
SLEEP
1.32v
UCP
UVLO
OVP
2v
0.5V
LDO
OVP
UCP
SLEEP
1.2v
LDO
2mv
EN
EA
ICMP
HM5185



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com