Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G74DP Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74LVC1G74DP
Descripción Electrónicos  Single D-type flip-flop with set and reset; positive edge trigger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G74DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G74DP Datasheet HTML 5Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 9Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 10Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 11Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 12Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
2005 Feb 01
9
Philips Semiconductors
Product specification
Single D-type flip-flop with set and
reset; positive edge trigger
74LVC1G74
AC CHARACTERISTICS
GND = 0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPHL/tPLH
propagation delay CP to Q, Q
see Figs 6 and 8 1.65 to 1.95
1.5
6.0
13.4
ns
2.3 to 2.7
1.0
3.5
7.1
ns
2.7
1.0
3.5
7.1
ns
3.0 to 3.6
1.0
3.5(2)
5.9
ns
4.5 to 5.5
1.0
2.5
4.1
ns
propagation delay SD to Q, Q
see Figs 7 and 8 1.65 to 1.95
1.5
6.0
12.9
ns
2.3 to 2.7
1.0
3.5
7.0
ns
2.7
1.0
3.5
7.0
ns
3.0 to 3.6
1.0
3.0(2)
5.9
ns
4.5 to 5.5
1.0
2.5
4.1
ns
propagation delay RD to Q, Q
see Figs 7 and 8 1.65 to 1.95
1.5
5.0
12.9
ns
2.3 to 2.7
1.0
3.5
7.0
ns
2.7
1.0
3.5
7.0
ns
3.0 to 3.6
1.0
3.0(2)
5.9
ns
4.5 to 5.5
1.0
2.5
4.1
ns
tW
clock pulse width HIGH or LOW
see Figs 6 and 8 1.65 to 1.95
6.2
−−
ns
2.3 to 2.7
2.7
−−
ns
2.7
2.7
−−
ns
3.0 to 3.6
2.7
1.3(2)
−
ns
4.5 to 5.5
2.0
−−
ns
set or reset pulse width LOW
see Figs 7 and 8 1.65 to 1.95
6.2
−−
ns
2.3 to 2.7
2.7
−−
ns
2.7
2.7
−−
ns
3.0 to 3.6
2.7
1.6(2)
−
ns
4.5 to 5.5
2.0
−−
ns
trem
removal time set or reset
see Figs 7 and 8 1.65 to 1.95
1.9
−−
ns
2.3 to 2.7
1.4
−−
ns
2.7
1.3
−−
ns
3.0 to 3.6
1.2
−3.0(2) −
ns
4.5 to 5.5
1.0
−−
ns
tsu
set-up time D to CP
see Figs 6 and 8 1.65 to 1.95
2.9
−−
ns
2.3 to 2.7
1.7
−−
ns
2.7
1.7
−−
ns
3.0 to 3.6
1.3
0.5(2)
−
ns
4.5 to 5.5
1.1
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com