Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G74DP Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74LVC1G74DP
Descripción Electrónicos  Single D-type flip-flop with set and reset; positive edge trigger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G74DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G74DP Datasheet HTML 2Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 3Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 4Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 5Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 9Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2005 Feb 01
6
Philips Semiconductors
Product specification
Single D-type flip-flop with set and
reset; positive edge trigger
74LVC1G74
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
active mode
0
VCC
V
VCC = 0 V; Power-down mode
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
tr, tf
input rise and fall times
VCC = 1.65 V to 2.7 V
0
20
ns/V
VCC = 2.7 V to 5.5 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0 V
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0 V
−±50
mA
VO
output voltage
active mode; notes 1 and 2
−0.5
VCC + 0.5 V
Power-down mode; notes 1 and 2
−0.5
+6.5
V
IO
output source or sink current
VO =0 VtoVCC
−±50
mA
ICC,IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C
−
250
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com