Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

82801E Datasheet(PDF) 21 Page - Intel Corporation

No. de pieza 82801E
Descripción Electrónicos  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82801E Datasheet HTML 17Page - Intel Corporation 82801E Datasheet HTML 18Page - Intel Corporation 82801E Datasheet HTML 19Page - Intel Corporation 82801E Datasheet HTML 20Page - Intel Corporation 82801E Datasheet HTML 21Page - Intel Corporation 82801E Datasheet HTML 22Page - Intel Corporation 82801E Datasheet HTML 23Page - Intel Corporation 82801E Datasheet HTML 24Page - Intel Corporation 82801E Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
21
Vcc1_8
P18
Vcc1_8
R18
Vcc1_8
T18
Vcc3_3
AB3
Vcc3_3
AB21
Vcc3_3
B17
Vcc3_3
C18
Vcc3_3
E6
Vcc3_3
E18
Vcc3_3
F6
Vcc3_3
F7
Vcc3_3
F15
Vcc3_3
F16
Vcc3_3
F17
Vcc3_3
F18
Vcc3_3
G6
Vcc3_3
G18
Vcc3_3
H6
Vcc3_3
H18
Vcc3_3
J6
Vcc3_3
K6
Vcc3_3
P6
Vcc3_3
R3
Vcc3_3
R6
Vcc3_3
T6
Vcc3_3
U6
Vcc3_3
U18
Vcc3_3
V3
Vcc3_3
V6
Vcc3_3
V7
Vcc3_3
V8
Vcc3_3
V9
Vcc3_3
V10
Vcc3_3
V14
Vcc3_3
V15
Vcc3_3
V16
Vcc3_3
V17
Vcc3_3
V18
Table 5.
Ball List By Signal Name
Signal Name
Ball Number
Vcc3_3
W10
VccRTC
W8
VccRTC
AA8
VRMPWRGD
W21
VSS
A1
VSS
A6
VSS
A9
VSS
A13
VSS
A17
VSS
A20
VSS
A23
VSS
C4
VSS
C6
VSS
C12
VSS
C19
VSS
D1
VSS
D9
VSS
D22
VSS
E5
VSS
E7
VSS
E15
VSS
E19
VSS
G3
VSS
G22
VSS
H23
VSS
J1
VSS
J5
VSS
J19
VSS
J20
VSS
J21
VSS
J22
VSS
K11
VSS
K13
VSS
K21
VSS
K23
VSS
L3
VSS
L10
VSS
L11
Table 5.
Ball List By Signal Name
Signal Name
Ball Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84