Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

82801E Datasheet(PDF) 82 Page - Intel Corporation

No. de pieza 82801E
Descripción Electrónicos  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 82 Page - Intel Corporation

Back Button 82801E Datasheet HTML 76Page - Intel Corporation 82801E Datasheet HTML 77Page - Intel Corporation 82801E Datasheet HTML 78Page - Intel Corporation 82801E Datasheet HTML 79Page - Intel Corporation 82801E Datasheet HTML 80Page - Intel Corporation 82801E Datasheet HTML 81Page - Intel Corporation 82801E Datasheet HTML 82Page - Intel Corporation 82801E Datasheet HTML 83Page - Intel Corporation 82801E Datasheet HTML 84Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
Intel® 82801E C-ICH
82
Advance Information Datasheet
Table 60.
XOR Chain #4; Chain 4-1 and
Chain 4-2
(RTCRST# Asserted for Seven PCI Clocks While
PWROK Active)
Pin Name
Ball #
Notes
SDIOR#
W18
SDDREQ
AC22
SDIOW#
W19
SDD_15
Y20
SDA_1
AA21
SDDACK#
V19
IRQ15
AB22
SIORDY
V20
SDA_2
W20
SDCS3#
Y21
SDA_0
AB23
SDCS1#
U19
VRMPWRGD
W21
GPIO[18]
Y22
GPIO[19]
AA23
GPIO[20]
T19
GPIO[22]
U20
GPIO[23]
T20
A20GATE
Y23
RCIN#
W23
CPUPWRGD
V22
INIT#
U21
SMI#
T21
CPUSLP#
R19
IGNNE#
V23
NMI
U22
INTR
U23
A20M#
T23
STPCLK#
T22
HL7
P19
HL5
P20
HL6
R23
HL4
N19
H1REQM
P22
H1STOP
N21
See Section 5.3.1.1
HL_STR#
N23
HL_STR
M22
See Section 5.3.1.1
H1REQI
M19
HL3
M20
HL2
L23
HL1
L21
HL0
L19
H1PAR
K22
HLCOMP
K19
Out XOR Chain 4-1
LAN1_RXD[1]
G23
In XOR Chain 4-2
LAN1_TXD[0]
H21
LAN1_TXD[1]
G21
LAN1_TXD[2]
E23
LAN1_RXD[0]
H20
EE1_DOUT
G20
LAN1_RXD[2]
E22
LAN1_RSTSYNC
D23
EE1_SHCLK
C23
EE1_DIN
E21
EE1_CS
F20
LAN0_RXD[1]
H19
LAN0_RXD[2]
B23
LAN0_RSTSYNC
C22
EE0_DOUT
D21
EE0_SHCLK
E20
EE0_CS
F19
EE0_DIN
G19
LAN0_RXD[0]
C21
LAN0_TXD[2]
D20
LAN0_TXD[1]
A22
LAN0_TXD[0]
C20
OC0#
AA1
XOR Chain #4
Output, (Chain 4-
2)
Table 60.
XOR Chain #4; Chain 4-1 and
Chain 4-2
(RTCRST# Asserted for Seven PCI Clocks While
PWROK Active)
Pin Name
Ball #
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84