Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAM18P60C Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

No. de pieza DAM18P60C
Descripción Electrónicos  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Página de inicio  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM18P60C Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM18P60C Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM18P60C Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM18P60C Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM18P60C Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P-Channel Enhancement Mode MOSFET
Features
VDSS = -60V
RDS(ON)
Typ.54mΩ @ VGS = -10V
Fully Avalanche Rated
Pb Free & RoHS Compliant
Applications
Backlighting
Synchronous Rectifiers
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Drain Source Voltage
VDS
-60
V
Gate Source Voltage
VGS
±25
V
Drain Current Continuous
@ Tc = 25°C
ID
-18
A
@ Tc = 100°C
-11
Drain Current Pulsed@ TC = 25°C
IDM
-72
A
Single Pulse Avalanche Energy
EAS
31
mJ
Single Pulse Avalanche Current
IAS
-25
A
Maximum Power Dissipation
PD
42
W
Storage Temperature Range
TSTG
-50 to +150
°C
Operating Junction Temperature Range
TJ
-50 to +150
°C
Thermal Resistance Junction to Case
R
θJc
3
°C/W
Aug.2017
DAM18P60C
Note3


Número de pieza similar - DAM18P60C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DACO SEMICONDUCTOR CO.,...
DAM18P100D DACO-DAM18P100D Datasheet
237Kb / 4P
P-Channel Enhancement Mode MOSFET
DAM18P101D DACO-DAM18P101D Datasheet
237Kb / 4P
P-Channel Enhancement Mode MOSFET
More results

Descripción similar - DAM18P60C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com